Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VRMS=14V Datasheet(PDF) 7 Page - EPCOS

Part # VRMS=14V
Description  SIOV metal oxide varistors
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

VRMS=14V Datasheet(HTML) 7 Page - EPCOS

Back Button VRMS=14V Datasheet HTML 3Page - EPCOS VRMS=14V Datasheet HTML 4Page - EPCOS VRMS=14V Datasheet HTML 5Page - EPCOS VRMS=14V Datasheet HTML 6Page - EPCOS VRMS=14V Datasheet HTML 7Page - EPCOS VRMS=14V Datasheet HTML 8Page - EPCOS VRMS=14V Datasheet HTML 9Page - EPCOS VRMS=14V Datasheet HTML 10Page - EPCOS VRMS=14V Datasheet HTML 11Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 46 page
background image
Electrical specifications and ordering codes
Maximum ratings (TA = 85
°C)
Ordering code
Type
(untaped)
SIOV-
VRMS
V
VDC
V
imax
(8/20 µs)
A
Wmax
(2 ms)
J
Pmax
W
VRMS = 115 V
B72205S0111K101
S05K115
115
150
400
3.6
0.10
B72207S0111K101
S07K115
115
150
1200
8.4
0.25
B72210S0111K101
S10K115
115
150
2500
18.0
0.40
B72214S0111K101
S14K115
115
150
4500
30.0
0.60
B72220S0111K101
S20K115
115
150
6500
60.0
1.00
VRMS = 130 V
B72205S0131K101
S05K130
130
170
400
4.2
0.10
B72207S0131K101
S07K130
130
170
1200
9.5
0.25
B72210S0131K101
S10K130
130
170
2500
19.0
0.40
B72214S0131K101
S14K130
130
170
4500
34.0
0.60
B72220S0131K101
S20K130
130
170
8000
74.0
1.00
VRMS = 140 V
B72205S0141K101
S05K140
140
180
400
4.5
0.10
B72207S0141K101
S07K140
140
180
1200
10.0
0.25
B72210S0141K101
S10K140
140
180
2500
22.0
0.40
B72214S0141K101
S14K140
140
180
4500
36.0
0.60
B72220S0141K101
S20K140
140
180
8000
78.0
1.00
VRMS = 150 V
B72205S0151K101
S05K150
150
200
400
4.9
0.10
B72207S0151K101
S07K150
150
200
1200
11.0
0.25
B72210S0151K101
S10K150
150
200
2500
24.0
0.40
B72214S0151K101
S14K150
150
200
4500
40.0
0.60
B72220S0151K101
S20K150
150
200
8000
85.0
1.00
VRMS = 175 V
B72205S0171K101
S05K175
175
225
400
5.6
0.10
B72207S0171K101
S07K175
175
225
1200
13.0
0.25
B72210S0171K101
S10K175
175
225
2500
28.0
0.40
B72214S0171K101
S14K175
175
225
4500
46.0
0.60
B72220S0171K101
S20K175
175
225
8000
98.0
1.00
VRMS = 230 V
B72205S0231K101
S05K230
230
300
400
7.2
0.10
B72207S0231K101
S07K230
230
300
1200
17.0
0.25
B72210S0231K101
S10K230
230
300
2500
36.0
0.40
B72214S0231K101
S14K230
230
300
4500
60.0
0.60
B72220S0231K101
S20K230
230
300
8000
130.0
1.00
Leaded varistors
B722*
StandarD series
Page 7 of 46
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com