Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VRMS=14V Datasheet(PDF) 19 Page - EPCOS

Part # VRMS=14V
Description  SIOV metal oxide varistors
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

VRMS=14V Datasheet(HTML) 19 Page - EPCOS

Back Button VRMS=14V Datasheet HTML 15Page - EPCOS VRMS=14V Datasheet HTML 16Page - EPCOS VRMS=14V Datasheet HTML 17Page - EPCOS VRMS=14V Datasheet HTML 18Page - EPCOS VRMS=14V Datasheet HTML 19Page - EPCOS VRMS=14V Datasheet HTML 20Page - EPCOS VRMS=14V Datasheet HTML 21Page - EPCOS VRMS=14V Datasheet HTML 22Page - EPCOS VRMS=14V Datasheet HTML 23Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 46 page
background image
Test
Test methods/conditions
Requirement
Climatic sequence
The specimen shall be subjected to:
a) dry heat at UCT, 16 h, IEC
60068-2-2, test Ba
b) damp heat, 1st cycle:
55
°C, 93% r. H., 24 h, IEC
60068-2-30, test Db
c) cold, LCT, 2 h, IEC 60068-2-1, test
Aa
d) damp heat, additional 5 cycles:
55
°C/25 °C, 93% r. H., 24 h/cycle,
IEC 60068-2-30, test Db.
Then the specimen shall be stored at
room temperature and normal humidity
for 1 to 2 h.
Thereafter, the change of VV shall be
measured. Thereafter, insulation resis-
tance Rins shall be measured at V = 500
V.
|
∆V/V (1 mA)| ≤10%
Rins
≥100 MΩ
Rapid change of
temperature
IEC 60068-2-14, test Na, LCT/UCT,
dwell time 30 min, 5 cycles
|
∆V/V (1 mA)| ≤5%
No visible damage
Damp heat, steady state
IEC 60068-2-78, test Ca
The specimen shall be subjected to
40
±2 °C, 90 to 95% r. H. for 56 days
without load / with 10% of the maxi-
mum continuous DC operating voltage
VDC. Then stored at room temperature
and normal humidity for 1 to 2 h.
Thereafter, the change of VV shall be
measured. Thereafter, insulation resis-
tance Rins shall be measured at V = 500
V (insulated varistors only).
|
∆V/V (1 mA)| ≤10%
Rins
≥100 MΩ
Leaded varistors
B722*
StandarD series
Page 19 of 46
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com