Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VRMS=14V Datasheet(PDF) 40 Page - EPCOS

Part # VRMS=14V
Description  SIOV metal oxide varistors
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

VRMS=14V Datasheet(HTML) 40 Page - EPCOS

Back Button VRMS=14V Datasheet HTML 36Page - EPCOS VRMS=14V Datasheet HTML 37Page - EPCOS VRMS=14V Datasheet HTML 38Page - EPCOS VRMS=14V Datasheet HTML 39Page - EPCOS VRMS=14V Datasheet HTML 40Page - EPCOS VRMS=14V Datasheet HTML 41Page - EPCOS VRMS=14V Datasheet HTML 42Page - EPCOS VRMS=14V Datasheet HTML 43Page - EPCOS VRMS=14V Datasheet HTML 44Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 46 page
background image
3
Lead configuration
Straight leads are standard for disk varistors. Other lead configurations as crimp style or cus-
tomer-specific lead wire length according to 3.1, 3.2, 3.3 and 3.4 are optional. Crimped leads
(non-standard) are differently crimped for technical reasons; the individual crimp styles are denot-
ed by consecutive numbers (S, S2 through S5) as shown in the dimensional drawings below.
The crimp styles of the individual types can be seen from the type designation in the ordering ta-
bles.
3.1
Crimp style mode
Example: B72210S0271K 5 01
|
Digit 13
Digit 13 of ordering code
Crimp style
Figure
1
Standard, straight leads
1
2
S2
2
3
S3
3
4
S4
4
5
S5
5
Available upon request
Internal coding
6
3.2
Standard leads and non-standard crimp styles
Standard, straight leads
Non-standard,
crimp style S2
Non-standard,
crimp style S3
Figure 1
Figure 2
Figure 3
Leaded varistors
B722*
StandarD series
Page 40 of 46
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com