Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMC660CM/NOPB Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LMC660CM/NOPB
Description  LMC660 CMOS Quad Operational Amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMC660CM/NOPB Datasheet(HTML) 3 Page - Texas Instruments

  LMC660CM/NOPB Datasheet HTML 1Page - Texas Instruments LMC660CM/NOPB Datasheet HTML 2Page - Texas Instruments LMC660CM/NOPB Datasheet HTML 3Page - Texas Instruments LMC660CM/NOPB Datasheet HTML 4Page - Texas Instruments LMC660CM/NOPB Datasheet HTML 5Page - Texas Instruments LMC660CM/NOPB Datasheet HTML 6Page - Texas Instruments LMC660CM/NOPB Datasheet HTML 7Page - Texas Instruments LMC660CM/NOPB Datasheet HTML 8Page - Texas Instruments LMC660CM/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
LMC660
www.ti.com
SNOSBZ3D – APRIL 1998 – REVISED MARCH 2013
DC Electrical Characteristics
Unless otherwise specified, all limits ensured for TJ = 25°C. Boldface limits apply at the temperature extremes. V
+ = 5V, V− =
0V, VCM = 1.5V, VO = 2.5V and RL > 1MΩ unless otherwise specified.
LMC660AI
LMC660C
Parameter
Test Conditions
Typ(1)
Units
Limit(1)
Limit(1)
Input Offset Voltage
1
3
6
mV
3.3
6.3
max
Input Offset Voltage Average Drift
1.3
μV/°C
Input Bias Current
0.002
pA
4
2
max
Input Offset Current
0.001
pA
2
1
max
Input Resistance
>1
Tera
Ω
Common Mode
0V
≤ VCM ≤ 12.0V
83
70
63
dB
Rejection Ratio
V+ = 15V
68
62
min
Positive Power Supply
5V
≤ V+ ≤ 15V
83
70
63
dB
Rejection Ratio
VO = 2.5V
68
62
min
Negative Power Supply
0V
≤ V− ≤ −10V
94
84
74
dB
Rejection Ratio
83
73
min
Input Common-Mode
V+ = 5V & 15V
−0.4
−0.1
−0.1
V
Voltage Range
For CMRR
≥ 50 dB
0
0
max
V+
− 1.9
V+
− 2.3
V+
− 2.3
V
V+
− 2.5
V+
− 2.4
min
Large Signal
RL = 2 kΩ
(2)
2000
440
300
V/mV
Voltage Gain
Sourcing
400
200
min
Sinking
500
180
90
V/mV
120
80
min
RL = 600Ω
(2)
1000
220
150
V/mV
Sourcing
200
100
min
Sinking
250
100
50
V/mV
60
40
min
Output Swing
V+ = 5V
4.87
4.82
4.78
V
RL = 2 kΩ to V
+/2
4.79
4.76
min
0.10
0.15
0.19
V
0.17
0.21
max
V+ = 5V
4.61
4.41
4.27
V
RL = 600Ω to V
+/2
4.31
4.21
min
0.30
0.50
0.63
V
0.56
0.69
max
V+ = 15V
14.63
14.50
14.37
V
RL = 2 kΩ to V
+/2
14.44
14.32
min
0.26
0.35
0.44
V
0.40
0.48
max
V+ = 15V
13.90
13.35
12.92
V
RL = 600Ω to V
+/2
13.15
12.76
min
0.79
1.16
1.45
V
1.32
1.58
max
(1)
Typical values represent the most likely parametric norm. Limits are specified by testing or correlation.
(2)
V+ = 15V, VCM = 7.5V and RL connected to 7.5V. For Sourcing tests, 7.5V ≤ VO ≤ 11.5V. For Sinking tests, 2.5V ≤ VO ≤ 7.5V.
Copyright © 1998–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LMC660



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com