Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMC660CM/NOPB Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LMC660CM/NOPB
Description  LMC660 CMOS Quad Operational Amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMC660CM/NOPB Datasheet(HTML) 4 Page - Texas Instruments

  LMC660CM/NOPB Datasheet HTML 1Page - Texas Instruments LMC660CM/NOPB Datasheet HTML 2Page - Texas Instruments LMC660CM/NOPB Datasheet HTML 3Page - Texas Instruments LMC660CM/NOPB Datasheet HTML 4Page - Texas Instruments LMC660CM/NOPB Datasheet HTML 5Page - Texas Instruments LMC660CM/NOPB Datasheet HTML 6Page - Texas Instruments LMC660CM/NOPB Datasheet HTML 7Page - Texas Instruments LMC660CM/NOPB Datasheet HTML 8Page - Texas Instruments LMC660CM/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
LMC660
SNOSBZ3D – APRIL 1998 – REVISED MARCH 2013
www.ti.com
DC Electrical Characteristics (continued)
Unless otherwise specified, all limits ensured for TJ = 25°C. Boldface limits apply at the temperature extremes. V
+ = 5V, V− =
0V, VCM = 1.5V, VO = 2.5V and RL > 1MΩ unless otherwise specified.
LMC660AI
LMC660C
Parameter
Test Conditions
Typ(1)
Units
Limit(1)
Limit(1)
Output Current
Sourcing, VO = 0V
22
16
13
mA
V+ = 5V
14
11
min
Sinking, VO = 5V
21
16
13
mA
14
11
min
Output Current
Sourcing, VO = 0V
40
28
23
mA
V+ = 15V
25
21
min
Sinking, VO = 13V
(3)
39
28
23
mA
24
20
min
Supply Current
All Four Amplifiers
1.5
2.2
2.7
mA
VO = 1.5V
2.6
2.9
max
(3)
Do not connect output to V+ when V+ is greater than 13V or reliability may be adversely affected.
AC Electrical Characteristics
Unless otherwise specified, all limits ensured for TJ = 25°C. Boldface limits apply at the temperature extremes. V
+ = 5V, V− =
0V, VCM = 1.5V, VO = 2.5V and RL > 1MΩ unless otherwise specified.
LMC660AI
LMC660C
Parameter
Test Conditions
Typ(1)
Units
Limit(1)
Limit(1)
Slew Rate
See(2)
1.1
0.8
0.8
V/
μs
0.6
0.7
min
Gain-Bandwidth Product
1.4
MHz
Phase Margin
50
Deg
Gain Margin
17
dB
Amp-to-Amp Isolation
See(3)
130
dB
Input Referred Voltage Noise
F = 1 kHz
22
nV/
√Hz
Input Referred Current Noise
f = 1 kHz
0.0002
pA//
√Hz
Total Harmonic Distortion
f = 10 kHz, AV = −10
0.01
%
RL = 2 kΩ, VO = 8 VPP
V+ = 15V
(1)
Typical values represent the most likely parametric norm. Limits are specified by testing or correlation.
(2)
V+ = 15V. Connected as Voltage Follower with 10V step input. Number specified is the slower of the positive and negative slew rates.
(3)
Input referred. V+ = 15V and RL = 10 kΩ connected to V
+/2. Each amp excited in turn with 1 kHz to produce V
O = 13 VPP.
4
Submit Documentation Feedback
Copyright © 1998–2013, Texas Instruments Incorporated
Product Folder Links: LMC660



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com