Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMC660CM/NOPB Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LMC660CM/NOPB
Description  LMC660 CMOS Quad Operational Amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMC660CM/NOPB Datasheet(HTML) 11 Page - Texas Instruments

Back Button LMC660CM/NOPB Datasheet HTML 7Page - Texas Instruments LMC660CM/NOPB Datasheet HTML 8Page - Texas Instruments LMC660CM/NOPB Datasheet HTML 9Page - Texas Instruments LMC660CM/NOPB Datasheet HTML 10Page - Texas Instruments LMC660CM/NOPB Datasheet HTML 11Page - Texas Instruments LMC660CM/NOPB Datasheet HTML 12Page - Texas Instruments LMC660CM/NOPB Datasheet HTML 13Page - Texas Instruments LMC660CM/NOPB Datasheet HTML 14Page - Texas Instruments LMC660CM/NOPB Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
LMC660
www.ti.com
SNOSBZ3D – APRIL 1998 – REVISED MARCH 2013
The designer should be aware that when it is inappropriate to lay out a PC board for the sake of just a few
circuits, there is another technique which is even better than a guard ring on a PC board: Don't insert the
amplifier's input pin into the board at all, but bend it up in the air and use only air as an insulator. Air is an
excellent insulator. In this case you may have to forego some of the advantages of PC board construction, but
the advantages are sometimes well worth the effort of using point-to-point up-in-the-air wiring. See Figure 21.
(Input pins are lifted out of PC board and soldered directly to components. All other pins connected to PC board.)
Figure 21. Air Wiring
BIAS CURRENT TESTING
The test method of Figure 21 is appropriate for bench-testing bias current with reasonable accuracy. To
understand its operation, first close switch S2 momentarily. When S2 is opened, then:
(10)
Figure 22. Simple Input Bias Current Test Circuit
A suitable capacitor for C2 would be a 5 pF or 10 pF silver mica, NPO ceramic, or air-dielectric. When
determining the magnitude of Ib−, the leakage of the capacitor and socket must be taken into account. Switch S2
should be left shorted most of the time, or else the dielectric absorption of the capacitor C2 could cause errors.
Similarly, if S1 is shorted momentarily (while leaving S2 shorted):
(11)
where Cx is the stray capacitance at the + input.
Copyright © 1998–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LMC660



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com