Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADNS-8020 Datasheet(PDF) 16 Page - Pixart Imaging Inc.

Part # ADNS-8020
Description  Track-on-Glass Laser Sensor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

ADNS-8020 Datasheet(HTML) 16 Page - Pixart Imaging Inc.

Back Button ADNS-8020 Datasheet HTML 12Page - Pixart Imaging Inc. ADNS-8020 Datasheet HTML 13Page - Pixart Imaging Inc. ADNS-8020 Datasheet HTML 14Page - Pixart Imaging Inc. ADNS-8020 Datasheet HTML 15Page - Pixart Imaging Inc. ADNS-8020 Datasheet HTML 16Page - Pixart Imaging Inc. ADNS-8020 Datasheet HTML 17Page - Pixart Imaging Inc. ADNS-8020 Datasheet HTML 18Page - Pixart Imaging Inc. ADNS-8020 Datasheet HTML 19Page - Pixart Imaging Inc. ADNS-8020 Datasheet HTML 20Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 38 page
background image
16
Figure 13. Timing between write and read commands
Figure 14. Timing between read and either write or subsequent read commands
Address
Data
Write Operation
Address
Next Read Operation
SCLK
tSWR
Next Read or
Write Operation
Data
tSRAD for read
Read Operation
Address
tSRW & t SRR
Address
SCLK
If the rising edge of SCLK for the last address bit of the
read command occurs before the tswr required delay,
the write command may not complete correctly. During
a read operation, SCLK should be delayed at least tSRAD
after the last address data bit to ensure that the sensor has
time to prepare the requested data.
The falling edge of SCLK for the first address bit of either
the read or write command must be at least tSRR or tSRW
after the last SCLK rising edge of the last data bit of the
previous read operation. In addition, during a read opera-
tion SCLK should be delayed after the last address data
bit to ensure that the sensor has time to prepare the re-
quested data.
Burst Mode Operation
Burst mode is a special serial port operation mode which
may be used to reduce the serial transaction time for three
predefined operations: motion read and PROM download
and frame capture. The speed improvement is achieved
by continuous data clocking to or from multiple regis-
ters without the need to specify the register address, and
by not requiring the normal delay period between data
bytes.
Motion Read
Reading the Motion_Burst register activates this mode.
The sensor will respond with the following motion burst
report in order.
BYTE[00] = Motion
BYTE[01] = Observation
BYTE[02] = Delta_X_L
BYTE[03] = Delta_X_H
BYTE[04] = Delta_Y_L
BYTE[05] = Delta_Y_H
BYTE[06] = SQUAL
BYTE[07] = Pixel_Sum
BYTE[08] = Maximum_Pixel
BYTE[09] = Minimum_Pixel
BYTE[10] = Shutter_Upper
BYTE[11] = Shutter_Lower
NOTE: Motion burst data can be read from the Motion_
Burst register even in run or rest mode.
After sending the register address, the micro-controller
must wait one frame, and then begin reading data. All
data bits can be read with no delay between bytes by driv-
ing SCLK at the normal rate. The data are latched into the
output buffer after the last address bit is received. After
the burst transmission is complete, the micro-controller
must raise the NCS line for at least tBEXIT to terminate
burst mode. The serial port is not available for use until
it is reset with NCS, even for a second burst transmission.
Procedure to start motion burst,
1. Lower NCS
2. Send 0x50 to Motion_Burst.
3. Wait for TSRAD.
4. Start reading SPI Data continuously up to 12bytes,
Motion burst may be terminated by pulling NCS high.
5. To read new motion burst data, repeat from step 1.
6. Write any value to Motion register to clear any residual
motion if desired.
PixArt Imaging Inc.
Track-on-Glass Laser Sensor
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38