Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADNS-8020 Datasheet(PDF) 25 Page - Pixart Imaging Inc.

Part # ADNS-8020
Description  Track-on-Glass Laser Sensor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

ADNS-8020 Datasheet(HTML) 25 Page - Pixart Imaging Inc.

Back Button ADNS-8020 Datasheet HTML 21Page - Pixart Imaging Inc. ADNS-8020 Datasheet HTML 22Page - Pixart Imaging Inc. ADNS-8020 Datasheet HTML 23Page - Pixart Imaging Inc. ADNS-8020 Datasheet HTML 24Page - Pixart Imaging Inc. ADNS-8020 Datasheet HTML 25Page - Pixart Imaging Inc. ADNS-8020 Datasheet HTML 26Page - Pixart Imaging Inc. ADNS-8020 Datasheet HTML 27Page - Pixart Imaging Inc. ADNS-8020 Datasheet HTML 28Page - Pixart Imaging Inc. ADNS-8020 Datasheet HTML 29Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 38 page
background image
25
SQUAL Value (White Paper) after SROM download
At Z = 2.4mm, 1100cpi, Circle@7.5" diameter, Speed=6ips
Mean SQUAL vs Z (White Paper) after SROM download
1100cpi, Circle@7.5" diameter, Speed=6ips
0
40
80
120
160
200
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
Delta from Nominal Focus (mm)
Avg-3sigma
Avg
Avg+3sigma
0
40
80
120
160
200
1
56
111 166 221 276 331 386 441 496 551 606 661 716 771 826 881
Count
SQUAL
Address: 0x07
Access: R
Reset Value: 0x00
Bit
76543210
Field
SQ7
SQ6
SQ5
SQ4
SQ3
SQ2
SQ1
SQ0
Data Type: Upper 8-bits of a 11-bit unsigned integer.
USAGE:
The SQUAL (Surface quality) register is a measure of the number of valid features visible by the sensor in the
current frame. Use the following formula to find the total number of valid features.
Number of Features = SQUAL Register Value * 8
The maximum SQUAL register value is 40(Dec) (0x28). Since small changes in the current frame can result in
changes in SQUAL, variations in SQUAL when looking at a surface are expected. The graph below shows 900
sequentially acquired SQUAL values, while a sensor was moved slowly over white paper.
Figure 18. SQUAL Values (White Paper)
Figure 19. Mean SQUAL vs. Z (White Paper)
PixArt Imaging Inc.
Track-on-Glass Laser Sensor
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38