Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADNS-8020 Datasheet(PDF) 19 Page - Pixart Imaging Inc.

Part # ADNS-8020
Description  Track-on-Glass Laser Sensor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

ADNS-8020 Datasheet(HTML) 19 Page - Pixart Imaging Inc.

Back Button ADNS-8020 Datasheet HTML 15Page - Pixart Imaging Inc. ADNS-8020 Datasheet HTML 16Page - Pixart Imaging Inc. ADNS-8020 Datasheet HTML 17Page - Pixart Imaging Inc. ADNS-8020 Datasheet HTML 18Page - Pixart Imaging Inc. ADNS-8020 Datasheet HTML 19Page - Pixart Imaging Inc. ADNS-8020 Datasheet HTML 20Page - Pixart Imaging Inc. ADNS-8020 Datasheet HTML 21Page - Pixart Imaging Inc. ADNS-8020 Datasheet HTML 22Page - Pixart Imaging Inc. ADNS-8020 Datasheet HTML 23Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 38 page
background image
19
Shutdown
The sensor can be set in Shutdown mode by writing to
Shutdown register. The SPI port should not be accessed
when Shutdown mode is asserted, except for the power-
up command (writing 0x5a to register 0x3a). (Other ICs on
the same SPI bus can be accessed, as long as the sensor’s
NCS pin is not asserted.)
To deassert Shutdown mode:
1. Drive NCS high, and then low to reset the SPI port.
2. Write 0x5a to Power_Up_Reset register.
3. Wait for at least 50 ms.
4. Read from registers 0x02, 0x03, 0x04, 0x05 and 0x06
(or read these same 5 bytes from burst motion register)
one time regardless of the motion pin state.
5. SROM download.
6. Enable laser by setting Forced_Disable bit (Bit-0) of
LASER_CTRL0 register (address 0x20) to 0.
7. Any non-default register setting must then be reloaded.
NOTES:
1. Manual reset and SROM download are needed after
Frame Capture to restore navigation for motion
reading.
2. There are long wakeup times from Shutdown and
forced Rest. These features should not be used for
power management during normal mouse motion.
The table below shows the state of various pins during
shutdown.
Pin
Status when Shutdown Mode
NCS
High*1
MISO
Hi-Z *2
SCLK
Ignore if NCS = 1 *3
MOSI
Ignore if NCS = 1 *4
MOTION
High
*1 NCS pin must be held to 1 (high) if SPI bus is shared with
other devices. It is recommended to hold to 1 (high)
during Shutdown unless powering up the Sensor. It
must be held to 0 (low) if the sensor is to be re-powered
up from shutdown.
*2 MISO should be either pull up or down during
shutdown in order to meet the low power consumption
specification in the datasheet.
*3 SCLK is ignored if NCS is 1 (high). It is functional if NCS
is 0 (low).
*4 MOSI is ignored if NCS is 1 (high). If NCS is 0 (low), any
commands sent on the MOSI pin will be ignored except
the power-up command).
Power Up
The sensor does not perform an internal power up self-
reset; the Power_Up_Reset register must be written every
time power is applied. The appropriate sequence is as fol-
lows:
1. Apply power to VDD3, VDD1.8 and VDDIO in any order,
with a delay of no more than 100ms in between each
supply. (VDD3 should not be grounded while VDD1.8 is
applied). Ensure all supplies are stable.
2. Drive NCS high, and then low to reset the SPI port.
3. Write 0x5a to Power_Up_Reset register
4. Wait for at least 50 ms.
5. Read from registers 0x02, 0x03, 0x04, 0x05 and 0x06
(or read these same 5 bytes from burst motion register)
one time regardless of the motion pin state
6. SROM download.
7. Enable laser by setting Forced_Disable bit (Bit-0) of
LASER_CTRL0 register to 0.
8. Load configuration for other registers
During power-up there will be a period of time after the
power supply is high but before normal operation. The
table below shows the state of the various pins during
power-up and reset.
State of Signal Pins After VDD is Valid
Pin
On Power-
Up
NCS High
before
Reset
NCS Low
before
Reset
After Reset
NCS
Functional
High
Low
Functional
MISO
Undefined
Hi-Z
Functional
Depends
on NCS
SCLK
Ignored
Ignored
Functional
Depends
on NCS
MOSI
Ignored
Ignored
Functional
Depends
on NCS
MOTION
Undefined
Undefined
Undefined
Functional
LASER_
NEN
Undefined
Undefined
Undefined
Functional
PixArt Imaging Inc.
Track-on-Glass Laser Sensor
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com