Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSPIC33FJ64GP306 Datasheet(PDF) 45 Page - Microchip Technology

Part # DSPIC33FJ64GP306
Description  High-Performance 16-Bit Digital Signal Controllers
PDF  322 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ64GP306 Datasheet(HTML) 45 Page - Microchip Technology

Back Button DSPIC33FJ64GP306 Datasheet HTML 41Page - Microchip Technology DSPIC33FJ64GP306 Datasheet HTML 42Page - Microchip Technology DSPIC33FJ64GP306 Datasheet HTML 43Page - Microchip Technology DSPIC33FJ64GP306 Datasheet HTML 44Page - Microchip Technology DSPIC33FJ64GP306 Datasheet HTML 45Page - Microchip Technology DSPIC33FJ64GP306 Datasheet HTML 46Page - Microchip Technology DSPIC33FJ64GP306 Datasheet HTML 47Page - Microchip Technology DSPIC33FJ64GP306 Datasheet HTML 48Page - Microchip Technology DSPIC33FJ64GP306 Datasheet HTML 49Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 322 page
background image
TABLE 4-5:
INTERRUPT CONTROLLER REGISTER MAP
SFR
Name
SFR
Addr
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
All
Resets
INTCON1
0080
NSTDIS OVAERR OVBERR COVAERR COVBERR OVATE
OVBTE
COVTE SFTACERR DIV0ERR DMACERR MATHERR ADDRERR STKERR OSCFAIL
—
0000
INTCON2
0082
ALTIVT
DISI
—
—
—
—
—
—
—
—
—
INT4EP
INT3EP
INT2EP
INT1EP
INT0EP
0000
IFS0
0084
—
DMA1IF
AD1IF
U1TXIF
U1RXIF
SPI1IF SPI1EIF
T3IF
T2IF
OC2IF
IC2IF
DMA0IF
T1IF
OC1IF
IC1IF
INT0IF
0000
IFS1
0086
U2TXIF
U2RXIF
INT2IF
T5IF
T4IF
OC4IF
OC3IF
DMA2IF
IC8IF
IC7IF
AD2IF
INT1IF
CNIF
—
MI2C1IF SI2C1IF
0000
IFS2
0088
T6IF
DMA4IF
—
OC8IF
OC7IF
OC6IF
OC5IF
IC6IF
IC5IF
IC4IF
IC3IF
DMA3IF
C1IF
C1RXIF
SPI2IF
SPI2EIF
0000
IFS3
008A
—
—
DMA5IF
DCIIF
DCIEIF
—
—
C2IF
C2RXIF
INT4IF
INT3IF
T9IF
T8IF
MI2C2IF
SI2C2IF
T7IF
0000
IFS4
008C
—
—
—
—
—
—
—
—
C2TXIF
C1TXIF
DMA7IF
DMA6IF
—U2EIF
U1EIF
—
0000
IEC0
0094
—
DMA1IE
AD1IE
U1TXIE
U1RXIE
SPI1IE SPI1EIE
T3IE
T2IE
OC2IE
IC2IE
DMA0IE
T1IE
OC1IE
IC1IE
INT0IE
0000
IEC1
0096
U2TXIE U2RXIE
INT2IE
T5IE
T4IE
OC4IE
OC3IE
DMA2IE
IC8IE
IC7IE
AD2IE
INT1IE
CNIE
—
MI2C1IE SI2C1IE
0000
IEC2
0098
T6IE
DMA4IE
—
OC8IE
OC7IE
OC6IE
OC5IE
IC6IE
IC5IE
IC4IE
IC3IE
DMA3IE
C1IE
C1RXIE
SPI2IE
SPI2EIE
0000
IEC3
009A
—
—
DMA5IE
DCIIE
DCIEIE
—
—
C2IE
C2RXIE
INT4IE
INT3IE
T9IE
T8IE
MI2C2IE
SI2C2IE
T7IE
0000
IEC4
009C
—
—
—
—
—
—
—
—
C2TXIE
C1TXIE
DMA7IE
DMA6IE
—U2EIE
U1EIE
—
0000
IPC0
00A4
—
T1IP<2:0>
—
OC1IP<2:0>
—IC1IP<2:0>
—
INT0IP<2:0>
4444
IPC1
00A6
—
T2IP<2:0>
—
OC2IP<2:0>
—IC2IP<2:0>
—
DMA0IP<2:0>
4444
IPC2
00A8
—
U1RXIP<2:0>
—
SPI1IP<2:0>
—
SPI1EIP<2:0>
—
T3IP<2:0>
4444
IPC3
00AA
—
—
—
—
—
DMA1IP<2:0>
—
AD1IP<2:0>
—
U1TXIP<2:0>
0444
IPC4
00AC
—
CNIP<2:0>
—
—
—
—
—
MI2C1IP<2:0>
—
SI2C1IP<2:0>
4044
IPC5
00AE
—
IC8IP<2:0>
—IC7IP<2:0>
—
AD2IP<2:0>
—
INT1IP<2:0>
4444
IPC6
00B0
—
T4IP<2:0>
—
OC4IP<2:0>
—
OC3IP<2:0>
—
DMA2IP<2:0>
4444
IPC7
00B2
—
U2TXIP<2:0>
—
U2RXIP<2:0>
—
INT2IP<2:0>
—
T5IP<2:0>
4444
IPC8
00B4
—
C1IP<2:0>
—
C1RXIP<2:0>
—
SPI2IP<2:0>
—
SPI2EIP<2:0>
4444
IPC9
00B6
—
IC5IP<2:0>
—IC4IP<2:0>
—IC3IP<2:0>
—
DMA3IP<2:0>
4444
IPC10
00B8
—OC7IP<2:0>
—
OC6IP<2:0>
—
OC5IP<2:0>
—
IC6IP<2:0>
4444
IPC11
00BA
—
T6IP<2:0>
—
DMA4IP<2:0>
—
—
—
—
—OC8IP<2:0>
4404
IPC12
00BC
—
T8IP<2:0>
—MI2C2IP<2:0>
—
SI2C2IP<2:0>
—
T7IP<2:0>
4444
IPC13
00BE
—
C2RXIP<2:0>
—
INT4IP<2:0>
—
INT3IP<2:0>
—
T9IP<2:0>
4444
IPC14
00C0
—
DCIEIP<2:0>
—
—
—
—
—
—
—
—
—
C2IP<2:0>
4004
IPC15
00C2
—
—
—
—
—
—
—
—
—
DMA5IP<2:0>
—
DCIIP<2:0>
0044
IPC16
00C4
—
—
—
—
—
U2EIP<2:0>
—
U1EIP<2:0>
—
—
—
—
0440
IPC17
00C6
—
C2TXIP<2:0>
—
C1TXIP<2:0>
—
DMA7IP<2:0>
—
DMA6IP<2:0>
4444
INTTREG
00E0
—
—
—
—ILR<3:0>
—
VECNUM<6:0>
0000
Legend:
x
= unknown value on Reset, — = unimplemented, read as ‘0’. Reset values are shown in hexadecimal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com