Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSPIC33FJ64GP306 Datasheet(PDF) 89 Page - Microchip Technology

Part # DSPIC33FJ64GP306
Description  High-Performance 16-Bit Digital Signal Controllers
PDF  322 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ64GP306 Datasheet(HTML) 89 Page - Microchip Technology

Back Button DSPIC33FJ64GP306 Datasheet HTML 85Page - Microchip Technology DSPIC33FJ64GP306 Datasheet HTML 86Page - Microchip Technology DSPIC33FJ64GP306 Datasheet HTML 87Page - Microchip Technology DSPIC33FJ64GP306 Datasheet HTML 88Page - Microchip Technology DSPIC33FJ64GP306 Datasheet HTML 89Page - Microchip Technology DSPIC33FJ64GP306 Datasheet HTML 90Page - Microchip Technology DSPIC33FJ64GP306 Datasheet HTML 91Page - Microchip Technology DSPIC33FJ64GP306 Datasheet HTML 92Page - Microchip Technology DSPIC33FJ64GP306 Datasheet HTML 93Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 322 page
background image
© 2009 Microchip Technology Inc.
DS70286C-page 87
dsPIC33FJXXXGPX06/X08/X10
REGISTER 7-3:
INTCON1: INTERRUPT CONTROL REGISTER 1
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
NSTDIS
OVAERR
OVBERR
COVAERR
COVBERR
OVATE
OVBTE
COVTE
bit 15
bit 8
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
U-0
SFTACERR
DIV0ERR
DMACERR
MATHERR
ADDRERR
STKERR
OSCFAIL
—
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15
NSTDIS: Interrupt Nesting Disable bit
1
= Interrupt nesting is disabled
0
= Interrupt nesting is enabled
bit 14
OVAERR: Accumulator A Overflow Trap Flag bit
1
= Trap was caused by overflow of Accumulator A
0
= Trap was not caused by overflow of Accumulator A
bit 13
OVBERR: Accumulator B Overflow Trap Flag bit
1
= Trap was caused by overflow of Accumulator B
0
= Trap was not caused by overflow of Accumulator B
bit 12
COVAERR: Accumulator A Catastrophic Overflow Trap Flag bit
1
= Trap was caused by catastrophic overflow of Accumulator A
0
= Trap was not caused by catastrophic overflow of Accumulator A
bit 11
COVBERR: Accumulator B Catastrophic Overflow Trap Flag bit
1
= Trap was caused by catastrophic overflow of Accumulator B
0
= Trap was not caused by catastrophic overflow of Accumulator B
bit 10
OVATE: Accumulator A Overflow Trap Enable bit
1
= Trap overflow of Accumulator A
0
= Trap disabled
bit 9
OVBTE: Accumulator B Overflow Trap Enable bit
1
= Trap overflow of Accumulator B
0
= Trap disabled
bit 8
COVTE: Catastrophic Overflow Trap Enable bit
1
= Trap on catastrophic overflow of Accumulator A or B enabled
0
= Trap disabled
bit 7
SFTACERR: Shift Accumulator Error Status bit
1
= Math error trap was caused by an invalid accumulator shift
0
= Math error trap was not caused by an invalid accumulator shift
bit 6
DIV0ERR: Arithmetic Error Status bit
1
= Math error trap was caused by a divide by zero
0
= Math error trap was not caused by a divide by zero
bit 5
DMACERR: DMA Controller Error Status bit
1
= DMA controller error trap has occurred
0
= DMA controller error trap has not occurred
bit 4
MATHERR: Arithmetic Error Status bit
1
= Math error trap has occurred
0
= Math error trap has not occurred



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com