Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSPIC33FJ64GP306 Datasheet(PDF) 71 Page - Microchip Technology

Part # DSPIC33FJ64GP306
Description  High-Performance 16-Bit Digital Signal Controllers
PDF  322 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ64GP306 Datasheet(HTML) 71 Page - Microchip Technology

Back Button DSPIC33FJ64GP306 Datasheet HTML 67Page - Microchip Technology DSPIC33FJ64GP306 Datasheet HTML 68Page - Microchip Technology DSPIC33FJ64GP306 Datasheet HTML 69Page - Microchip Technology DSPIC33FJ64GP306 Datasheet HTML 70Page - Microchip Technology DSPIC33FJ64GP306 Datasheet HTML 71Page - Microchip Technology DSPIC33FJ64GP306 Datasheet HTML 72Page - Microchip Technology DSPIC33FJ64GP306 Datasheet HTML 73Page - Microchip Technology DSPIC33FJ64GP306 Datasheet HTML 74Page - Microchip Technology DSPIC33FJ64GP306 Datasheet HTML 75Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 322 page
background image
© 2009 Microchip Technology Inc.
DS70286C-page 69
dsPIC33FJXXXGPX06/X08/X10
4.6.3
READING DATA FROM PROGRAM
MEMORY USING PROGRAM SPACE
VISIBILITY
The upper 32 Kbytes of data space may optionally be
mapped into any 16K word page of the program space.
This option provides transparent access of stored
constant data from the data space without the need to
use special instructions (i.e., TBLRDL/H).
Program space access through the data space occurs
if the Most Significant bit of the data space EA is ‘1’ and
program space visibility is enabled by setting the PSV
bit in the Core Control register (CORCON<2>). The
location of the program memory space to be mapped
into the data space is determined by the Program
Space Visibility Page register (PSVPAG). This 8-bit
register defines any one of 256 possible pages of
16K words in program space. In effect, PSVPAG
functions as the upper 8 bits of the program memory
address, with the 15 bits of the EA functioning as the
lower bits. Note that by incrementing the PC by 2 for
each program memory word, the lower 15 bits of data
space addresses directly map to the lower 15 bits in the
corresponding program space addresses.
Data reads to this area add an additional cycle to the
instruction being executed, since two program memory
fetches are required.
Although each data space address, 8000h and higher,
maps directly into a corresponding program memory
address (see Figure 4-11), only the lower 16 bits of the
24-bit program word are used to contain the data. The
upper 8 bits of any program space location used as
data should be programmed with ‘1111
1111
’ or
‘0000 0000’ to force a NOP. This prevents possible
issues should the area of code ever be accidentally
executed.
For operations that use PSV and are executed outside
a REPEAT loop, the MOV and MOV.D instructions
require one instruction cycle in addition to the specified
execution time. All other instructions require two
instruction cycles in addition to the specified execution
time.
For operations that use PSV, which are executed inside
a REPEAT loop, there will be some instances that
require two instruction cycles in addition to the
specified execution time of the instruction:
• Execution in the first iteration
• Execution in the last iteration
• Execution prior to exiting the loop due to an
interrupt
• Execution upon re-entering the loop after an
interrupt is serviced
Any other iteration of the REPEAT loop will allow the
instruction accessing data, using PSV, to execute in a
single cycle.
FIGURE 4-11:
PROGRAM SPACE VISIBILITY OPERATION
Note:
PSV access is temporarily disabled during
table reads/writes.
23
15
0
PSVPAG
Data Space
Program Space
0x0000
0x8000
0xFFFF
02
0x000000
0x800000
0x010000
0x018000
When CORCON<2> = 1 and EA<15> = 1:
The data in the page
designated by PSV-
PAG is mapped into
the upper half of the
data memory
space...
Data EA<14:0>
...while the lower 15 bits
of the EA specify an
exact address within
the PSV area. This
corresponds exactly to
the same lower 15 bits
of the actual program
space address.
PSV Area



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com