Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS3642 Datasheet(PDF) 12 Page - ams AG

Part # AS3642
Description  Ultra Small 500mA Inductive White LED Flash Driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3642 Datasheet(HTML) 12 Page - ams AG

Back Button AS3642 Datasheet HTML 8Page - ams AG AS3642 Datasheet HTML 9Page - ams AG AS3642 Datasheet HTML 10Page - ams AG AS3642 Datasheet HTML 11Page - ams AG AS3642 Datasheet HTML 12Page - ams AG AS3642 Datasheet HTML 13Page - ams AG AS3642 Datasheet HTML 14Page - ams AG AS3642 Datasheet HTML 15Page - ams AG AS3642 Datasheet HTML 16Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
www.austriamicrosystems.com/AS3642
1.2-2
11 - 26
AS3642
Datasheet - D e ta i l e d D e s c r i p t i o n
Protection and Fault Detection Functions
The protection functions protect the AS3642 and the LED(s) against physical damage. In most cases a register bit is
set, which can be readout with the interface. The fault bits are cleared
3 by a readout of the fault register.
DCDC Overvoltage Protection
In case of no or a broken LED at the pin LED_OUT and an enabled DCDC converter, the voltage on VOUT rises until
it reaches VVOUTMAX (overvoltage condition) and the voltage across the current source does not reach regulation
(VOUT-VLED < VILED_COMP). If this condition is detected, the DCDC converter is stopped, the current sources are dis-
abled and the bit fault_ovp (see page 19)
4 is set.
DCDC Broken Coil Detection
If the coil LDCDC is broken, the AS3642 is not powered by the pin SW connected to VOUT by the internal switch. Due
to the protection diodes between SCL to VOUT and SDA to VOUT, the AS3642 can be powered through these diodes.
The AS3642 detects this error condition by comparing the voltage on SCL and VOUT. If the voltage on VOUT is lower
compared to the voltage on SCL, the AS3642 will ignore any I
2C write commands. Therefore the application can simply
detect this condition.
Note: Due to the broken coil detection, the high levels of SDA and SCL should be always below the supply voltage.
LED Short Circuit Protection
After the startup of the DCDC converter, the voltage on LED_OUT is continuously monitored and compared against
VLEDSHORT. If the voltage stays below VLEDSHORT, the DCDC is stopped (as a shorted LED is assumed), the current
sources are disabled and the bit fault_led_short (see page 19) is set.
Overtemperature Protection
The junction temperature of the AS3642 is continuously monitored. If the temperature exceeds TOVTEMP, the DCDC is
stopped, the current sources are disabled and the bit fault_overtemp (see page 19) is set. The driver cannot be re-
enabled unless the junction temperature drops below TOVTEMP-TOVTEMPHYST.
Flash Timer
The duration of the flash is defined by the register flash_timer (see page 18). After the timer expires, the DCDC is
stopped and the flash current source (on pin LED_OUT) is disabled.
Supply undervoltage Protection
If the voltage on the pin VOUT (=battery voltage) is or falls below VUVLO, the AS3642 is kept in shutdown state and in
all registers are set to their default state.
Note: During operation of the DCDC converter, the supply undervoltage protection will still monitor the DCDC output
voltage only. Therefore the supply undervoltage protection will only monitor the battery voltage if the DCDC
converter is switched off and the output capacitor is discharged down to the supply voltage.
Wakeup Circuit - Power off detection
In flash, assist light and indicator mode (register mode (page 18)=01, 10 or 11), if SCL and SDA are L for more than
tTIMEOUT, shutdown mode is automatically entered. This feature automatically detects a power-off of the controlling cir-
cuit driving SCL and SDA (VDD_I/F goes to 0V) - the internal circuit is shown in Figure 19:
3. Except overtemperature protection bit fault_overtemp: This bit can be cleared once the temperature drops
below TOVTEMP-TOVTEMPHYST.
4. In indicator mode (mode=01) the register fault_ovpi s never set (the overvoltage protection is nevertheless
operating)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com