Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS3642 Datasheet(PDF) 15 Page - ams AG

Part # AS3642
Description  Ultra Small 500mA Inductive White LED Flash Driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3642 Datasheet(HTML) 15 Page - ams AG

Back Button AS3642 Datasheet HTML 11Page - ams AG AS3642 Datasheet HTML 12Page - ams AG AS3642 Datasheet HTML 13Page - ams AG AS3642 Datasheet HTML 14Page - ams AG AS3642 Datasheet HTML 15Page - ams AG AS3642 Datasheet HTML 16Page - ams AG AS3642 Datasheet HTML 17Page - ams AG AS3642 Datasheet HTML 18Page - ams AG AS3642 Datasheet HTML 19Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 27 page
background image
www.austriamicrosystems.com/AS3642
1.2-2
14 - 26
AS3642
Datasheet - D e ta i l e d D e s c r i p t i o n
The address pointer will increment after each data byte is transferred. The master generates a STOP condition
to terminate the data write.
2. Slave Transmitter Mode (Read Mode): The first byte is received and handled as in the slave receiver mode.
However, in this mode, the direction bit indicates that the transfer direction is reversed. Serial data is transmit-
ted on SDA by the AS3642 while the serial clock is input on SCL. START and STOP conditions are recognized
as the beginning and end of a serial transfer (Figure 22 and Figure 23). The slave address byte is the first byte
received after the master generates a START condition. The slave address byte contains the 7-bit AS3642
address, which is 0110000, followed by the direction bit (R/W), which, for a read, is 1.
6 After receiving and
decoding the slave address byte the device outputs an acknowledge on the SDA line. The AS3642 then
begins to transmit data starting with the register address pointed to by the register pointer. If the register
pointer is not written to before the initiation of a read mode the first address that is read is the last one stored in
the register pointer. The AS3642 must receive a “not acknowledge” to end a read.
Figure 21. Data Write - Slave Receiver Mode
Figure 22. Data Read (from Current Pointer Location) - Slave Transmitter Mode
6. The address for read mode from the AS3642 is 61h = 01100001b
S
0110000
0
A
XXXXXXXX
A
AA
XXXXXXXX
XXXXXXXX
A
XXXXXXXX
P
<Slave Address>
<Word Address (n)>
<Data(n)>
<Data(n+1)>
<Data(n+X)>
S - Start
A - Acknowledge (ACK)
P - Stop
Data Transferred
(X + 1 Bytes + Acknowledge)
S
0110000
1
A
XXXXXXXX
A
AA
XXXXXXXX
XXXXXXXX
NA
XXXXXXXX
P
<Slave Address>
<Data(n)>
<Data(n+1)>
<Data(n+X)>
S - Start
A - Acknowledge (ACK)
P - Stop
NA - Not Acknowledge (NACK)
Data Transferred
(X + 1 Bytes + Acknowledge)
Note: Last data byte is followed by a NACK
<Data(n+2)>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com