Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS3658D-BCTP Datasheet(PDF) 64 Page - ams AG

Part # AS3658D-BCTP
Description  Power and Audio Management Unit for Portable Devices
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3658D-BCTP Datasheet(HTML) 64 Page - ams AG

Back Button AS3658D-BCTP Datasheet HTML 60Page - ams AG AS3658D-BCTP Datasheet HTML 61Page - ams AG AS3658D-BCTP Datasheet HTML 62Page - ams AG AS3658D-BCTP Datasheet HTML 63Page - ams AG AS3658D-BCTP Datasheet HTML 64Page - ams AG AS3658D-BCTP Datasheet HTML 65Page - ams AG AS3658D-BCTP Datasheet HTML 66Page - ams AG AS3658D-BCTP Datasheet HTML 67Page - ams AG AS3658D-BCTP Datasheet HTML 68Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 158 page
background image
Table 57. Charger Current Bit definitions
Addr:16
Charger current
These bits define the battery charging current and voltage
Bit
Bit Name
Default Access
Description
www.austriamicrosystems.com
Revision 1v13
63 - 157
AS3658
Data Sheet Confidential - Detail ed Descri ption-Power Management Functions
8.10
Charger supervision functions
The charger supervision functions allow charging without processor control by continuously checking the NTC
temperature resistor within the battery pack using ADC_IN1 pin. The charging cycle is automatically paused, if the
NTC indicates a temperature range out of 0º to 45º (or 0º to 50º). If the temperature gets into this range again the
charging cycle is resumed.
In addition there is a charge timer that stops charging after a defined time, as additional security feature.
The timer will be reset at charger insertion (charger detect) or at EOC state. The timer is counting during active
charging only (Trickle charging, Constant current charging, Constant voltage charging).
In case the battery voltage does not reach EOC voltage within tCHARGINGMAX after charging has been started,
charging_tmax interrupt will be generated and charging will be stopped. Charging can be started again by writing
charging_tmax=0 in the charger_control1 register.
1:0
TrickleCurrent
ROM
R/W
Sets the trickle current. Default is (01)b = 2.5mV x Rsense
-1
.
00b
1.25mV x Rsense
-1
01b
2.50mV x Rsense
-1
10b
5.00mV x Rsense
-1
11b
10.0mV x Rsense
-1
4:2
ConstantCurrent
ROM
R/W
Sets the charging current in constant current mode
from (0mV…35mV) x Rsense
-1
in steps of 5mV x
Rsense
-1
.
000
0mV x Rsense
-1
001
5mV x Rsense
-1
....
111
35mV x Rsense
-1
7:5
ch_voltage
ROM
R/W
Charger voltage after EOC and isolate_battery=1
000b
4.3V
001b
4.4V
010b
4.5V
011b
4.6V
100b
4.7V
101b
4.8V
110b
4.9V
111b
5.0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com