Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS3658D-BCTP Datasheet(PDF) 50 Page - ams AG

Part # AS3658D-BCTP
Description  Power and Audio Management Unit for Portable Devices
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3658D-BCTP Datasheet(HTML) 50 Page - ams AG

Back Button AS3658D-BCTP Datasheet HTML 46Page - ams AG AS3658D-BCTP Datasheet HTML 47Page - ams AG AS3658D-BCTP Datasheet HTML 48Page - ams AG AS3658D-BCTP Datasheet HTML 49Page - ams AG AS3658D-BCTP Datasheet HTML 50Page - ams AG AS3658D-BCTP Datasheet HTML 51Page - ams AG AS3658D-BCTP Datasheet HTML 52Page - ams AG AS3658D-BCTP Datasheet HTML 53Page - ams AG AS3658D-BCTP Datasheet HTML 54Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 158 page
background image
www.austriamicrosystems.com
Revision 1v13
49 - 157
AS3658
Data Sheet Confidential - Detail ed Descri ption-Power Management Functions
The AS3658 serves an integrated USB charger for Li+ batteries. The USB Charger is a current and voltage limited
charger, which can be used to charge Li+ batteries directly from the USB supply. The VBAT voltage limit is set by the
register ChVoltEOC (3.9V – 4.25V in 50mV steps; identical for USB charger and step down charger) and the current
limit is set by the register usb_current (94mA to 881mA). The Vsupply voltage limit is set to Vchlimit during trickle and
constant current charging.
For USB charging, it is recommended to start with a current limit of 94mA and after negotiates via the USB bus (this
has to be done by e.g. the uProcessor directly) a different current setting can be set to speed up charging (e.g.
470mA).
If Bit usb_chgEn=1 in the Boot ROM is set, VSUPPLY can start up with USB supply allowing startup from the USB
supply.
If ChEn=1 and chdet=1 (external charger enabled and connected) the usb_charger will be deactivated automatically.
(The Battery charger overrides the USB charger). It's not possible to use the internal and the external charger in
parallel.
End of charge of the USB charger is reached, if the current through the battery falls below the value set in the
Tricklecurrent [1:0] register.
Table 41. USB-Charger Bit definitions
Addr: 10
USB Charger control
This register controls the mode of the USB charger, and the charger state
machine
Bit
Bit Name
Default Access
Description
3:0
usb_Current
ROM
R/W
Sets the USB input current limit.
(0000)b
94mA (USB low current)
(0001)b
141mA
(0010)b
189mA
(0011)b
237mA
(0100)b
285mA
(0101)b
332mA
(0110)b
380mA
(0111)b
428mA
(1000)b
470mA (USB high current)
(1001)b
517mA
(1010)b
598mA
(1011)b
668mA
(1100)b
759mA
(1101)b
881mA
(1110)b
881mA (do not use)
(1111)b
881mA (do not use)
4
usb_chgEn
ROM
R/W
ON/OFF control of USB charger
0
USB charger disabled.
1
USB charger enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com