Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS3658D-BCTP Datasheet(PDF) 87 Page - ams AG

Part # AS3658D-BCTP
Description  Power and Audio Management Unit for Portable Devices
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3658D-BCTP Datasheet(HTML) 87 Page - ams AG

Back Button AS3658D-BCTP Datasheet HTML 83Page - ams AG AS3658D-BCTP Datasheet HTML 84Page - ams AG AS3658D-BCTP Datasheet HTML 85Page - ams AG AS3658D-BCTP Datasheet HTML 86Page - ams AG AS3658D-BCTP Datasheet HTML 87Page - ams AG AS3658D-BCTP Datasheet HTML 88Page - ams AG AS3658D-BCTP Datasheet HTML 89Page - ams AG AS3658D-BCTP Datasheet HTML 90Page - ams AG AS3658D-BCTP Datasheet HTML 91Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 158 page
background image
www.austriamicrosystems.com
Revision 1v13
86 - 157
AS3658
Data Sheet Confidential - Detail ed Descri ption-Power Management Functions
Make the connections of the external capacitors as short as possible.
Table 85. Charge Pump Characteristics
Symbol
Parameter
Min
Typ
Max
Unit
Note
Table 86. CP Power1 ctrl Bit definitions
Addr:23
Reg Power1 Ctrl
These bits control the on/off function of the ldo regulator
Bit
Bit Name
Default
Access
Description
Table 87. Charge Pump Bit definitions
Addr:17
Charge Pump Control
These bits control the Charge Pump
Bit
Bit Name
Default Access
Description
VCPIN
Charge Pump input
voltage
3.0
5.5
V
fIN
Switching frequency
1.1
MHz
cp_freq=0, fclk_int=2.2MHz
0.55
MHz
cp_freq=1, fclk_int=2.2MHz
ICPOUT
Output Current
0.0
100
mA
VCP_IN = 3.2V, Clock = fclk_int/2;
cp_pulseskip=0; fin=1.1MHz
VCPOUT
Output Voltage
4.9
5.2
5.6
V
VCPSKIP
Output Voltage during
pulseskip
4.92
V
Use with cp_frequ=1 only
ICP_noload
Supply current without
load
2
mA
1.1MHz switching frequency
ICP_pulseskip
Charge pump supply
current without load in
pulseskip mode
20
µA
cp_pulseskip=1 and cp_frequ=1
7
cp_on
ROM
R/W
Switch on of the charge pump block, charge pump is
automatically activated if any of the following blocks are
active: VDIG_1, VDIG_2, VDIG_3, VDIG_4
0
cp_pulseskip
ROM
R/W
Switches on the pulseskip mode of the charge pump
0
Normal fixed frequency mode
1
Pulse skip, low power mode (Set cp_frequ=1 in
this mode)
1
cp_freq
ROM
R/W
Defines the clock frequency of the step up dc/dc converter
0
fclk_int/2 (0.8 to 1.15 MHz)
1
fclk_int/4 (0.4 to 0.575 MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com