Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS5311 Datasheet(PDF) 11 Page - ams AG

Part # AS5311
Description  High Resolution Magnetic Linear Encoder
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5311 Datasheet(HTML) 11 Page - ams AG

Back Button AS5311_07 Datasheet HTML 7Page - ams AG AS5311_07 Datasheet HTML 8Page - ams AG AS5311_07 Datasheet HTML 9Page - ams AG AS5311_07 Datasheet HTML 10Page - ams AG AS5311_07 Datasheet HTML 11Page - ams AG AS5311_07 Datasheet HTML 12Page - ams AG AS5311_07 Datasheet HTML 13Page - ams AG AS5311_07 Datasheet HTML 14Page - ams AG AS5311_07 Datasheet HTML 15Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
www.ams.com/AS5311
Revision 1.12
11 - 29
AS5311
Datasheet - D e t a il e d D es c r i pt io n
7.1 Incremental Outputs
Figure 4 shows the two-channel quadrature output of the AS5311. Output A leads output B when the magnet is moving from right to left and
output B leads output A when the magnet is moving from left to right(see Figure 14).
Figure 4. Incremental Outputs
7.1.1 Incremental Power-up Lock Option
After power-up, the incremental outputs can optionally be locked or unlocked, depending on the status of the CSn pin:
CSn = low at power-up: CSn has an internal pull-up resistor and must be externally pulled low (Rext ≤ 5kΩ). If Csn is low at power-up, the
incremental outputs A, B and Index will be high until the internal offset compensation is finished. This unique state may be used as an indicator
for the external controller to shorten the waiting time at power-up. Instead of waiting for the specified maximum power up-time (see Electrical
System Specifications on page 8), the controller can start requesting data from the AS5311 as soon as the state (A= B= Index = high) is cleared.
CSn = high or open at power-up: In this mode, the incremental outputs (A, B, Index) will remain at logic high state after power-up, until
CSn goes low or a low pulse is applied at CSn and internal offset compensation is finished. This mode allows intentional disabling of the
incremental outputs after power-up until for example the system microcontroller is ready to receive data.
Once the incremental outputs are unlocked they can not be disabled during operation.
Movement left to right
A
B
Incremental outputs
Index=0
1LSB
Index
Mechanical
Zero Position
Movement Direction
Change
CSn
tIncremental outputs valid
Hyst =
2 LSB
Movement right to left
Mechanical
Zero Position



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com