Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS5311 Datasheet(PDF) 26 Page - ams AG

Part # AS5311
Description  High Resolution Magnetic Linear Encoder
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5311 Datasheet(HTML) 26 Page - ams AG

Back Button AS5311_07 Datasheet HTML 21Page - ams AG AS5311_07 Datasheet HTML 22Page - ams AG AS5311_07 Datasheet HTML 23Page - ams AG AS5311_07 Datasheet HTML 24Page - ams AG AS5311_07 Datasheet HTML 25Page - ams AG AS5311_07 Datasheet HTML 26Page - ams AG AS5311_07 Datasheet HTML 27Page - ams AG AS5311_07 Datasheet HTML 28Page - ams AG AS5311_07 Datasheet HTML 29Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 26 / 29 page
background image
www.ams.com/AS5311
Revision 1.12
26 - 29
AS5311
Datasheet - P ac k a ge D ra w i n gs a nd M a r ki n gs
Marking: YYWWMZZ.
Note:
IC's marked with a white dot or the letters "ES" denote Engineering Samples.
JEDEC Package Outline Standard: MO - 153
Thermal Resistance Rth(j-a): 89 K/W in still air, soldered on PCB
9.1 Recommended PCB Footprint
Figure 18. PCB Footprint
YY
WW
M
ZZ
@
Year
Manufacturing Week
Plant Identifier
Traceability Code
Sublot Identifier
Recommended Footprint Data
Symbol
mm
inch
A
7.00
0.276
B
5.00
0.197
C
0.38
0.015
D
0.65
0.026
E
6.23
0.245



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com