Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS5311 Datasheet(PDF) 17 Page - ams AG

Part # AS5311
Description  High Resolution Magnetic Linear Encoder
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5311 Datasheet(HTML) 17 Page - ams AG

Back Button AS5311_07 Datasheet HTML 13Page - ams AG AS5311_07 Datasheet HTML 14Page - ams AG AS5311_07 Datasheet HTML 15Page - ams AG AS5311_07 Datasheet HTML 16Page - ams AG AS5311_07 Datasheet HTML 17Page - ams AG AS5311_07 Datasheet HTML 18Page - ams AG AS5311_07 Datasheet HTML 19Page - ams AG AS5311_07 Datasheet HTML 20Page - ams AG AS5311_07 Datasheet HTML 21Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 29 page
background image
www.ams.com/AS5311
Revision 1.12
17 - 29
AS5311
Datasheet - D e t a il e d D es c r i pt io n
Figure 9. Connections for 5V and 3.3V Supply Voltages
LDO
I
N
T
E
R
F
A
C
E
2.2 ... 10 µF
100 n
4. 5 - 5.5 V
VDD3V3
VSS
VDD5V
5 V Operation
Internal
VDD
LDO
100 n
3. 0 - 3.6 V
VDD 3V3
VSS
VDD 5 V
3.3V Operation
Internal
VDD
I
N
T
E
R
F
A
C
E
Prog
Prog
AS5311
AS5311
PWM
Index
B
A
CSn
CLK
DO
PWM
Index
B
A
CSn
CLK
DO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com