Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MS3454 Datasheet(PDF) 6 Page - Amphenol Corporation

Part # MS3454
Description  Matrix MS/Standard MIL-DTL-5015 Cylindrical Connectors
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

MS3454 Datasheet(HTML) 6 Page - Amphenol Corporation

Back Button MS3454 Datasheet HTML 2Page - Amphenol Corporation MS3454 Datasheet HTML 3Page - Amphenol Corporation MS3454 Datasheet HTML 4Page - Amphenol Corporation MS3454 Datasheet HTML 5Page - Amphenol Corporation MS3454 Datasheet HTML 6Page - Amphenol Corporation MS3454 Datasheet HTML 7Page - Amphenol Corporation MS3454 Datasheet HTML 8Page - Amphenol Corporation MS3454 Datasheet HTML 9Page - Amphenol Corporation MS3454 Datasheet HTML 10Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
5
H Accessory Thread
3 Teeth Equally
Placed 120 Apart
Blue Color
Band
E Dia.
Max
J
Coupling
Thread
D Max.
F
G
Polarizing Key
C
B
Dia.
A
˚
Receptacle Shell, Cable Connecting,
Threaded Coupling
Military No. MS3451
Amphenol/Matrix No. 9441
To complete order number see how to order, page 29.
* Consult Amphenol, Sidney, NY for availability of shell sizes 44 and 48.
Shell
Size
A
B
Dia.
±.031
C
D Max.
E
Dia.
Max.
F
±.015
G
MIn.
H
Thread
Class 2A
J
Thread
Class 2A
Size
16 & 12
Contacts
Size
8, 4, 0
Contacts
8S
.504/.496
.729
.577/.562
2.031
–
.305
.083
.290
.5000-20 UNEF
.5000-28 UNEF
10S
.629/.621
.854
.577/.562
2.031
–
.405
.083
.290
.6250-24 UNEF
.6250-24 UNEF
10SL
.629/.621
.854
.577/.562
2.031
–
.405
.083
.290
.6250-24 UNEF
.6250-24 UNEF
12
.754/.746
.974
.765/.750
2.125
–
.549
.083
.290
.7500-20 UNEF
.7500-20 UNEF
12S
.754/.746
.974
.577/.562
2.031
–
.549
.083
.290
.7500-20 UNEF
.7500-20 UNEF
14
.879/.871
1.099
.765/.750
2.125
–
.665
.083
.290
.8750-20 UNEF
.8750-20 UNEF
14S
.879/.871
1.099
.577/.562
2.031
–
.665
.083
.290
.8750-20 UNEF
.8750-20 UNEF
16
1.005/.996
1.224
.765/.750
2.125
2.500
.790
.083
.290
1.0000-20 UNEF
1.0000-20 UNEF
16S
1.005/.996
1.224
.577/.562
2.031
–
.790
.083
.290
1.0000-20 UNEF
1.0000-20 UNEF
18
1.131/1.121
1.349
.765/.750
2.125
2.500
.869
.125
.290
1.0625-18 UNEF
1.1250-18 UNEF
20
1.256/1.246
1.474
.765/.750
2.125
2.500
.994
.125
.290
1.1875-18 UNEF
1.2500-18 UNEF
22
1.381/1.371
1.599
.765/.750
2.125
2.500
1.119
.125
.290
1.3125-18 UNEF
1.3750-18 UNEF
24
1.506/1.496
1.715
.827/.812
2.125
2.500
1.244
.125
.290
1.4375-18 UNEF
1.5000-18 UNEF
28
1.756/1.746
1.974
.827/.812
2.125
2.500
1.465
.125
.467
1.7500-18 UNS
1.7500-18 UNS
32
2.007/1.996
2.224
.890/.870
2.125
2.500
1.715
.125
.467
2.0000-18 UNS
2.0000-18 UNS
36
2.257/2.246
2.474
.890/.870
2.125
2.500
1.930
.125
.467
2.2500-16 UN
2.2500-16 UN
40
2.511/2.456
2.724
.890/.870
2.125
2.500
2.145
.125
.467
2.5000-16 UN
2.5000-16 UN
MS/Standard
MS3451
cable connecting receptacle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com