Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MS3454 Datasheet(PDF) 22 Page - Amphenol Corporation

Part # MS3454
Description  Matrix MS/Standard MIL-DTL-5015 Cylindrical Connectors
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

MS3454 Datasheet(HTML) 22 Page - Amphenol Corporation

Back Button MS3454 Datasheet HTML 18Page - Amphenol Corporation MS3454 Datasheet HTML 19Page - Amphenol Corporation MS3454 Datasheet HTML 20Page - Amphenol Corporation MS3454 Datasheet HTML 21Page - Amphenol Corporation MS3454 Datasheet HTML 22Page - Amphenol Corporation MS3454 Datasheet HTML 23Page - Amphenol Corporation MS3454 Datasheet HTML 24Page - Amphenol Corporation MS3454 Datasheet HTML 25Page - Amphenol Corporation MS3454 Datasheet HTML 26Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 31 page
background image
21
A
B
C
D
E
F
A
B
C
D
E
A
B
C
D
E
A
B
C
DE
F
G
H
J
AB
CD
EF
GH
J
KL
M
N
O
P
R
S
T
U
V
W
I
X
A
B
C
D
E
F
G
H
I
J
K
L
M
N
O
P
R
S
T
U
V
W
X
Y
Z
a
b
c
d
e
f
g
h
j
k
AB
CD
E
F
G
HI
J
K
LM
N
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
S
T
U
V
W
X
Y
Z
A
BC
DE
F
G
H
100˚
AB
CD
EF
GH
I
J
K
LM
N
O
P
R
S
T
U
V
W
X
A
B
C
D
front face of pin insert or rear face of socket insert illustrated
MS/Standard
contact arrangements
Insert Arrangement
28-22
32-1
32-2*
32-3*
Service Rating
D
A = E; B, C, D, E = D
E
D
Number of Contacts
3
3
2
3
3
2
1
2
2
4
Contact Size
416
0
12
416
0
412 16
Insert Arrangement
32-6
32-7
32-9
32-13
Service Rating
A
A, B, h, j = Inst.; Bal. = A
D
D
Number of Contacts
2
3
2
16
7
28
2
12
5
18
Contact Size
4
8
12 16
12
16
4
16
12
16
Insert Arrangement
32-15
32-16
32-17
32-19*
Service Rating
D
A
D
A = E, Bal. = D
Number of Contacts
2
6
2
3
2
16
4
2
3
Contact Size
012
4
812 16
4
012
CONTACT LEGEND
16
12
8
4
0
100° Rotation
of 32-6
* Consult Amphenol, Sidney, NY for availability.
260° Rotation of
32-1
C
D
E
260˚
B
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com