Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MS3454 Datasheet(PDF) 23 Page - Amphenol Corporation

Part # MS3454
Description  Matrix MS/Standard MIL-DTL-5015 Cylindrical Connectors
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

MS3454 Datasheet(HTML) 23 Page - Amphenol Corporation

Back Button MS3454 Datasheet HTML 19Page - Amphenol Corporation MS3454 Datasheet HTML 20Page - Amphenol Corporation MS3454 Datasheet HTML 21Page - Amphenol Corporation MS3454 Datasheet HTML 22Page - Amphenol Corporation MS3454 Datasheet HTML 23Page - Amphenol Corporation MS3454 Datasheet HTML 24Page - Amphenol Corporation MS3454 Datasheet HTML 25Page - Amphenol Corporation MS3454 Datasheet HTML 26Page - Amphenol Corporation MS3454 Datasheet HTML 27Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 31 page
background image
22
AB
C
D
E
F
G
H
J
K
L
M
NO
P
R
S
T
U
V
W
X
Y
Z
a
b
c
d
e
f
g
h
jk
m
n
p
r
t
q
s
u
v
x
y
z
AA
AB
AC
AD
AE
AF
AG
w
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
A
B
C
D
E
F
A
B
C
D
A
B
C
D
E
F
A
B
C
D
E
F
G
H
I
J
K
L
M
N
O
P
R
S
T
U
V
W
X
Y
Z
ab
c
d
e
f
g
h
j
k
m
n
p
r
t
s
u
v
x
y
z
w
A
B
C
D
E
F
G
H
I
J
K
L
M
N
O
P
R
S
T
U
V
W
X
Y
Z
a
b
c
d
e
fg
h
j
k
m
n
p
r
t
u
v
w
s
x
y
z
A
B
C
D
E
F
G
H
I
J
K
L
M
N
O
P
R
S
T
U
V
W
X
Y
Z
a
b
c
d
e
f
AB
CD
E
F
G
HJ
K
L
M
N
OP
Q
R
S
T
U
V
WX
Y
Z
a
b
c
de
f
g
hj
k
mn
p
r
t
u
v
w
s
x
yz
q
100˚
AB
CD
E
FG
HJ
K
L
M
N
OP
Q
R
S
T
U
VW
X
Y
Z
a
b
c
d
e
f
g
hj
k
m
n
pr
tuv
w
s
x
yz
q
front face of pin insert or rear face of socket insert illustrated
MS/Standard
contact arrangements
Insert Arrangement
32-20
32-22*
32-63
32-73
Service Rating
A
A
D
A
Number of Contacts
2
3
2
16
54
5
46
Contact Size
4
8
12 16
16
4
16
Insert Arrangement
36-3
36-5
36-6
36-7
Service Rating
D
A
A
A
Number of Contacts
3
3
4
2
4
7
40
Contact Size
0
12
0
0
4
12
16
Insert Arrangement
36-8
36-9
36-10
36-11
Service Rating
A
A
A
A
Number of Contacts
1
46
1
2
14 14
48
48
Contact Size
12
16
4
8
12 16
16
16
CONTACT LEGEND
16
12
8
4
0
260° Rotation
of 32-6
* Consult Amphenol, Sidney, NY for availability.
100° Rotation
of 36-10
AB
CD
EF
GH
J
KL
M
N
O
PR
S
T
UV
W
I
X
260˚
A
B
C
D
E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com