Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CAT33C804APATE13 Datasheet(PDF) 4 Page - Catalyst Semiconductor

Part # CAT33C804APATE13
Description  4K-Bit Secure Access Serial E2PROM
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT33C804APATE13 Datasheet(HTML) 4 Page - Catalyst Semiconductor

  CAT33C804APATE13 Datasheet HTML 1Page - Catalyst Semiconductor CAT33C804APATE13 Datasheet HTML 2Page - Catalyst Semiconductor CAT33C804APATE13 Datasheet HTML 3Page - Catalyst Semiconductor CAT33C804APATE13 Datasheet HTML 4Page - Catalyst Semiconductor CAT33C804APATE13 Datasheet HTML 5Page - Catalyst Semiconductor CAT33C804APATE13 Datasheet HTML 6Page - Catalyst Semiconductor CAT33C804APATE13 Datasheet HTML 7Page - Catalyst Semiconductor CAT33C804APATE13 Datasheet HTML 8Page - Catalyst Semiconductor CAT33C804APATE13 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Preliminary
CAT33C804A
4
Doc. No. 25044-00 2/98
PASSWORD PROTECTION
The CAT33C804A is a 4K-bit E2PROM that features a
password protection scheme to prevent unauthorized
access to the information stored in the device. It contains
an access code register which stores one to eight bytes
of access code along with the length of that access code.
Additionally, a memory pointer register stores the ad-
dress that partitions the memory into protected and
unprotected areas. As shipped from the factory, the
device is unprogrammed and unprotected. The length of
the access code is equal to zero and the memory pointer
register points to location zero. Every byte of the device
is fully accessible without an access code. Setting a
password and moving the memory pointer register to
cover all or part of the memory secures the device. Once
secured, the memory is divided into a read/write area
and a read-only area with the entry of a valid access
code. If no access code is entered, the memory is
divided into a read-only area and a non-access area.
Figure 2 illlustrates this partitioning of the memory array.
WRITE PROTECTION
Another feature of the CAT33C804A is WRITE-protec-
tion without the use of an access code. If the memory
pointer register is set to cover all or part of the memory,
without setting the access code register, the device may
be divided into an area which allows full access, and an
area which allows READ-only access. To write into the
READ-only area, the user can override the memory
pointer register for every WRITE instruction or he can
simply move the address in the memory pointer register
to uncover this area, and then write into the memory.
This mechanism prevents inadvertent overwriting of
important data in the memory without the use of an
access code. Figure 3 illustrates this partitioning of the
memory array.
Figure 1. A.C. Timing
Note:
(1) If PE pin = 1.
33C804 F03
VCC
CS
CLK
DI
tVCCS
DO
tD
HIGH-Z
START BIT
tD
STOP BIT
HIGH-Z
tHZ
DATA TIMING
MARK
SPACE
BIT TIME
104
µs
(1)
D0
D1
D2
D3
D4
D5
D6
D7
CHARACTER TIME @ 9600 BAUD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com