Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CAT33C804APATE13 Datasheet(PDF) 12 Page - Catalyst Semiconductor

Part # CAT33C804APATE13
Description  4K-Bit Secure Access Serial E2PROM
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT33C804APATE13 Datasheet(HTML) 12 Page - Catalyst Semiconductor

Back Button CAT33C804APATE13 Datasheet HTML 6Page - Catalyst Semiconductor CAT33C804APATE13 Datasheet HTML 7Page - Catalyst Semiconductor CAT33C804APATE13 Datasheet HTML 8Page - Catalyst Semiconductor CAT33C804APATE13 Datasheet HTML 9Page - Catalyst Semiconductor CAT33C804APATE13 Datasheet HTML 10Page - Catalyst Semiconductor CAT33C804APATE13 Datasheet HTML 11Page - Catalyst Semiconductor CAT33C804APATE13 Datasheet HTML 12Page - Catalyst Semiconductor CAT33C804APATE13 Datasheet HTML 13Page - Catalyst Semiconductor CAT33C804APATE13 Datasheet HTML 14Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
Preliminary
CAT33C804A
12
Doc. No. 25044-00 2/98
INSTRUCTION SET
DISAC Disable Access
1000 1000
This instruction will lock the memory from all program/
erase operations regardless of the contents of the memory
pointer. A write can be accomplished only by first enter-
ing the ENAC instruction followed by a valid access
code.
ENAC Enable Access
1100 0101
[Access Code]
In the protected mode, this instruction, followed by a
valid access code, unlocks the device for read/write/
clear access.
WMPR Write Memory Pointer Register
1100 0100
[A15–A8] [A7–A0]
(x8 organization)
[A7–A0]
(x16 organization)
1100 0100
The WMPR instruction followed by 8 or 16 bits of
address (depending on the organization) will move the
pointer to the newly specified address.
MACC Modify Access Code
1101
[Length] [Old code] [New code]
[New code]
This instruction requires the user to enter the old access
code, if one was set previously, followed by the new
access code and a re-entry of the new access code for
verification. Within the instruction format, the variable
[Length] designates the length of the access code as the
following:
[Length] = [0] No access code. Set device to unpro-
tected mode.
[Length] = [1–8] Length of access code is 1 to 8 bytes.
[Length] = [>8] Illegal number of bytes. The CAT33C804A
will ignore the rest of the transmission.
RMPR Read Memory Pointer Register
1100 1010
Output the content of the memory pointer register to the
serial output port.
OVMPR Override Memory Pointer Register
Figure 14. ERAL Timing (x8 Format)
33C804 F15
Figure 15. ERAL Timing (x16 Format)
33C804 F16
CS
DI
HIGH-Z
DO
OP0–OP7
tEW
BUSY(1)
OP CODE
OP0–OP7
OP CODE
NEXT INSTRUCTION
CS
DI
HIGH-Z
DO
OP0–OP7
tEW
BUSY(1)
OP CODE
OP0–OP7
OP CODE
NEXT INSTRUCTION
Note:
(1)
DO becomes low to indicate busy status if ENBSY was previously executed. If ENBSY was not previously executed, DO will be in the
High-Z condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com