Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CAT33C804APATE13 Datasheet(PDF) 2 Page - Catalyst Semiconductor

Part # CAT33C804APATE13
Description  4K-Bit Secure Access Serial E2PROM
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT33C804APATE13 Datasheet(HTML) 2 Page - Catalyst Semiconductor

  CAT33C804APATE13 Datasheet HTML 1Page - Catalyst Semiconductor CAT33C804APATE13 Datasheet HTML 2Page - Catalyst Semiconductor CAT33C804APATE13 Datasheet HTML 3Page - Catalyst Semiconductor CAT33C804APATE13 Datasheet HTML 4Page - Catalyst Semiconductor CAT33C804APATE13 Datasheet HTML 5Page - Catalyst Semiconductor CAT33C804APATE13 Datasheet HTML 6Page - Catalyst Semiconductor CAT33C804APATE13 Datasheet HTML 7Page - Catalyst Semiconductor CAT33C804APATE13 Datasheet HTML 8Page - Catalyst Semiconductor CAT33C804APATE13 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Preliminary
CAT33C804A
2
Doc. No. 25044-00 2/98
ABSOLUTE MAXIMUM RATINGS*
Temperature Under Bias ................. –55
°C to +125°C
Storage Temperature ....................... –65
°C to +150°C
Voltage on Any Pin with
Respect to Ground(1) ........... –2.0V to +VCC + 2.0V
VCC with Respect to Ground ............... –2.0V to +7.0V
Package Power Dissipation
Capability (Ta = 25
°C) ................................... 1.0W
Lead Soldering Temperature (10 secs) ............ 300
°C
Output Short Circuit Current(2) ........................ 100mA
*COMMENT
Stresses above those listed under “Absolute Maximum
Ratings” may cause permanent damage to the device.
These are stress ratings only, and functional operation of
the device at these or any other conditions outside of those
listed in the operational sections of this specification is not
implied. Exposure to any absolute maximum rating for
extended periods may affect device performance and
reliability.
RELIABILITY CHARACTERISTICS
Symbol
Parameter
Min.
Max.
Units
Reference Test Method
NEND(3)
Endurance
100,000
Cycles/Byte
MIL-STD-883, Test Method 1033
TDR(3)
Data Retention
100
Years
MIL-STD-883, Test Method 1008
VZAP(3)
ESD Susceptibility
2000
Volts
MIL-STD-883, Test Method 3015
ILTH(3)(4)
Latch-up
100
mA
JEDEC Standard 17
Note:
(1) The minimum DC input voltage is –0.5V. During transitions, inputs may undershoot to –2.0V for periods of less than 20 ns. Maximum DC
voltage on output pins is VCC +0.5V, which may overshoot to VCC + 2.0V for periods of less than 20ns.
(2) Output shorted for no more than one second. No more than one output shorted at a time.
(3) This parameter is tested initially and after a design or process change that affects the parameter.
(4) Latch-up protection is provided for stresses up to 100 mA on address and data pins from –1V to VCC +1V.
(5) PE pin test conditions: VIH < VIN < VIL
D.C. CHARACTERISTICS
VCC = +3V
±10%,unless otherwise specified.
Limits
Symbol
Parameter
Min.
Typ.
Max.
Units
Test Conditions
ICC
Power Supply Current
3
mA
VCC = 3.3V, CS = VCC
(Operating)
DO is Unloaded.
ISB
Power Supply Current
250
µAVCC = 3.3V, CS = 0V
(Standby)
DI = 0V, CLK = 0V
VIL
Input Low Voltage
–0.1
0.8
V
VIH
Input High Voltage
2
V
VOL
Output Low Voltage
0.4
V
IOL = 2.1mA
VOH
Output High Voltage
2.4
V
IOH = –400
µA
ILI(5)
Input Leakage Current
2
µAVIN = 3.3V
ILO
Output Leakage Current
10
µAVOUT = 3.3V, CS = 0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com