Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM6172AMGWFQMLV Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM6172AMGWFQMLV
Description  LM6172QML Dual High Speed, Low Power, Low Distortion, Voltage Feedback Amplifiers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM6172AMGWFQMLV Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LM6172AMGWFQMLV Datasheet HTML 2Page - National Semiconductor (TI) LM6172AMGWFQMLV Datasheet HTML 3Page - National Semiconductor (TI) LM6172AMGWFQMLV Datasheet HTML 4Page - National Semiconductor (TI) LM6172AMGWFQMLV Datasheet HTML 5Page - National Semiconductor (TI) LM6172AMGWFQMLV Datasheet HTML 6Page - National Semiconductor (TI) LM6172AMGWFQMLV Datasheet HTML 7Page - National Semiconductor (TI) LM6172AMGWFQMLV Datasheet HTML 8Page - National Semiconductor (TI) LM6172AMGWFQMLV Datasheet HTML 9Page - National Semiconductor (TI) LM6172AMGWFQMLV Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
LM6172QML
SNOSAR4A – DECEMBER 2010 – REVISED OCTOBER 2011
www.ti.com
LM6172 (±15V) ELECTRICAL CHARACTERISTICS
DC PARAMETERS
(1) (continued)
The following conditions apply, unless otherwise specified.
TJ = 25°C, V
+ = +15V, V− = −15V, V
CM = 0V, & RL = 1MΩ
Sub-
Symbol
Parameter
Conditions
Notes
Min
Max
Units
groups
12.5
-12.5
V
1
RL = 1KΩ
12
-12
V
2, 3
VO
Output Swing
6.0
-6.0
V
1
RL = 100Ω
5.0
-5.0
V
2, 3
See (3)
60
mA
1
Sourcing RL = 100Ω
See (3)
50
mA
2, 3
IL
Output Current (Open Loop)
See (3)
-60
mA
1
Sinking RL = 100Ω
See (3)
-50
mA
2, 3
8.0
mA
1
IS
Supply Current
Both Amplifiers
9.0
mA
2, 3
(3)
The open loop output current is specified by measurement of the open loop output voltage swing using 100
Ω output load.
AC PARAMETERS
(1)
The following conditions apply, unless otherwise specified.
TJ = 25°C, V
+ = +15V, V− = −15V, V
CM = 0V
Sub-
Symbol
Parameter
Conditions
Notes
Min
Max
Units
groups
AV = 2, VI = ±2.5V
See (2), (3)
SR
Slew Rate
1700
V/µS
4
3nS Rise & Fall time
GBW
Unity-Gain Bandwidth
See (4)
80
MHz
4
(1)
Pre and post irradiation limits are identical to those listed under AC and DC electrical characteristics. These parts may be dose rate
sensitive in a space environment and demonstrate enhanced low dose rate effect. Radiation end point limits for the noted parameters
are specified only for the conditions as specified in Mil-Std-883, Method 1019.5, Condition A.
(2)
See AN0009 for SR test circuit.
(3)
Slew Rate measured between ±4V.
(4)
See AN0009 for GBW test circuit.
DC DRIFT PARAMETERS
(1)
The following conditions apply, unless otherwise specified.
TJ = 25°C, V
+ = +15V, V− = −15V, V
CM = 0V
Delta calculations performed on QMLV devices at group B , subgroup 5.
Sub-
Symbol
Parameter
Conditions
Notes
Min
Max
Units
groups
VIO
Input Offset Voltage
-0.25
0.25
mV
1
IIB
Input Bias Current
-0.50
0.50
µA
1
IIO
Input Offset Current
-0.25
0.25
µA
1
(1)
Pre and post irradiation limits are identical to those listed under AC and DC electrical characteristics. These parts may be dose rate
sensitive in a space environment and demonstrate enhanced low dose rate effect. Radiation end point limits for the noted parameters
are specified only for the conditions as specified in Mil-Std-883, Method 1019.5, Condition A.
6
Submit Documentation Feedback
Copyright © 2010–2011, Texas Instruments Incorporated
Product Folder Links: LM6172QML



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com