Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM6172AMGWFQMLV Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM6172AMGWFQMLV
Description  LM6172QML Dual High Speed, Low Power, Low Distortion, Voltage Feedback Amplifiers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM6172AMGWFQMLV Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM6172AMGWFQMLV Datasheet HTML 1Page - National Semiconductor (TI) LM6172AMGWFQMLV Datasheet HTML 2Page - National Semiconductor (TI) LM6172AMGWFQMLV Datasheet HTML 3Page - National Semiconductor (TI) LM6172AMGWFQMLV Datasheet HTML 4Page - National Semiconductor (TI) LM6172AMGWFQMLV Datasheet HTML 5Page - National Semiconductor (TI) LM6172AMGWFQMLV Datasheet HTML 6Page - National Semiconductor (TI) LM6172AMGWFQMLV Datasheet HTML 7Page - National Semiconductor (TI) LM6172AMGWFQMLV Datasheet HTML 8Page - National Semiconductor (TI) LM6172AMGWFQMLV Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
N/C
N/C
OUT A
N/C
IN- A
V+
IN+ A
N/C
N/C
OUT B
V-
IN- B
N/C
IN+ B
N/C
N/C
1
16
2
15
3
14
4
13
5
12
6
11
7
10
8
9
LM6172QML
www.ti.com
SNOSAR4A – DECEMBER 2010 – REVISED OCTOBER 2011
LM6172QML Dual High Speed, Low Power, Low Distortion, Voltage Feedback Amplifiers
Check for Samples: LM6172QML
1
FEATURES
DESCRIPTION
The LM6172 is a dual high speed voltage feedback
234
•
Available with Radiation Specification
amplifier. It is unity-gain stable and provides excellent
–
High Dose Rate 300 krad(Si)
DC and AC performance. With 100MHz unity-gain
–
ELDRS Free 100 krad(Si)
bandwidth, 3000V/
μs slew rate and 50mA of output
current
per
channel,
the
LM6172
offers
high
•
Easy to Use Voltage Feedback Topology
performance in dual amplifiers; yet it only consumes
•
High Slew Rate 3000V/
μs
2.3mA of supply current each channel.
•
Wide Unity-Gain Bandwidth
100MHz
The LM6172 operates on ±15V power supply for
•
Low Supply Current
2.3mA / Amplifier
systems requiring large voltage swings, such as
•
High Output Current
50mA / Amplifier
ADSL, scanners and ultrasound equipment. It is also
specified at ±5V power supply for low voltage
•
Specified for ±15V and ±5V Operation
applications such as portable video systems.
APPLICATIONS
The LM6172 is built with TI's advanced VIP™ III
(Vertically Integrated PNP) complementary bipolar
•
Scanner I- to -V Converters
process.
•
ADSL/HDSL Drivers
•
Multimedia Broadcast Systems
•
Video Amplifiers
•
NTSC, PAL® and SECAM Systems
•
ADC/DAC Buffers
•
Pulse Amplifiers and Peak Detectors
Connection Diagram
Figure 1. 8-Pin CDIP
Figure 2. 16LD CLGA
Top View
Top View
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
VIP is a trademark of Texas Instruments.
3
PAL is a registered trademark of and used under lisence from Advanced Micro Devices, Inc..
4
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2010–2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM6172AMGWFQMLV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM6172AMGWFQMLV TI1-LM6172AMGWFQMLV Datasheet
1Mb / 22P
Dual High Speed, Low Power, Low Distortion, Voltage Feedback Amplifiers
logo
National Semiconductor ...
LM6172AMGWFQMLV NSC-LM6172AMGWFQMLV Datasheet
1Mb / 25P
LM6172QML Dual High Speed, Low Power, Low Distortion, Voltage Feedback Amplifiers
logo
Texas Instruments
LM6172AMGWFQMLV TI1-LM6172AMGWFQMLV Datasheet
1Mb / 25P
LM6172QML Dual High Speed, Low Power, Low Distortion, Voltage Feedback Amplifiers
LM6172AMGWFQMLV TI-LM6172AMGWFQMLV Datasheet
1Mb / 25P
LM6172QML Dual High Speed, Low Power, Low Distortion, Voltage Feedback Amplifiers
REVISED OCTOBER 2011
More results

Similar Description - LM6172AMGWFQMLV

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM6172 NSC-LM6172 Datasheet
551Kb / 16P
Dual High Speed, Low Power, Low Distortion, Voltage Feedback Amplifiers
logo
Texas Instruments
LM6172QML TI1-LM6172QML Datasheet
1Mb / 22P
Dual High Speed, Low Power, Low Distortion, Voltage Feedback Amplifiers
LM6172IMX TI-LM6172IMX Datasheet
1Mb / 25P
LM6172 Dual High Speed, Low Power, Low Distortion, Voltage Feedback Amplifiers
logo
National Semiconductor ...
LM6172 NSC-LM6172_14 Datasheet
1Mb / 25P
LM6172 Dual High Speed, Low Power, Low Distortion, Voltage Feedback Amplifiers
LM6172QML NSC-LM6172QML Datasheet
1Mb / 25P
LM6172QML Dual High Speed, Low Power, Low Distortion, Voltage Feedback Amplifiers
logo
Texas Instruments
LM6172 TI1-LM6172 Datasheet
1Mb / 25P
Dual High Speed, Low Power, Low Distortion, Voltage Feedback Amplifiers
LM6172QML-SP TI1-LM6172QML-SP Datasheet
1Mb / 25P
Dual High Speed, Low Power, Low Distortion, Voltage Feedback Amplifiers
LM6172 TI1-LM6172_16 Datasheet
1Mb / 25P
LM6172 Dual High Speed, Low Power, Low Distortion, Voltage Feedback Amplifiers
LM6172QML TI1-LM6172QML_16 Datasheet
1Mb / 25P
LM6172QML Dual High Speed, Low Power, Low Distortion, Voltage Feedback Amplifiers
LM6172QML TI-LM6172QML_V01 Datasheet
1Mb / 25P
LM6172QML Dual High Speed, Low Power, Low Distortion, Voltage Feedback Amplifiers
REVISED OCTOBER 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com