Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L99DZ70XP Datasheet(PDF) 14 Page - STMicroelectronics

Part # L99DZ70XP
Description  Door actuator driver
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ70XP Datasheet(HTML) 14 Page - STMicroelectronics

Back Button L99DZ70XP Datasheet HTML 10Page - STMicroelectronics L99DZ70XP Datasheet HTML 11Page - STMicroelectronics L99DZ70XP Datasheet HTML 12Page - STMicroelectronics L99DZ70XP Datasheet HTML 13Page - STMicroelectronics L99DZ70XP Datasheet HTML 14Page - STMicroelectronics L99DZ70XP Datasheet HTML 15Page - STMicroelectronics L99DZ70XP Datasheet HTML 16Page - STMicroelectronics L99DZ70XP Datasheet HTML 17Page - STMicroelectronics L99DZ70XP Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 47 page
background image
Electrical specifications
L99DZ70XP
14/47
Doc ID 15162 Rev 4
11.5
rON OUT4,
rON OUT5
On-resistance to
supply or GND
VS =13.5V,
Tj =25°C,
IOUT4,5 =± 3.0A
150
200
m
Ω
11.6
VS =13.5V,
Tj = 125 °C,
IOUT4,5 =± 3.0A
225
300
m
Ω
11.7
rON OUT9,
rON OUT10
On-resistance
to supply
VS =13.5V,
Tj =25°C,
IOUT9,10 =-0.4A
1600
2200
m
Ω
11.8
VS =13.5V,
Tj = 125 °C,
IOUT9,10 =-0.4A
2500
3400
m
Ω
11.9
rON OUT11
On-resistance
to supply
VS =13.5V,
Tj =25°C,
IOUT11 =-3.0A
90
130
m
Ω
11.10
VS =13.5V,
Tj = 125 °C,
IOUT11 =-3.0A
130
180
m
Ω
11.11
rON OUT7
rON OUT8
On-resistance to
supply in low mode
(control register 1
bits 12 to15: 0101)
VS =13.5V,
Tj =25°C,
IOUT7,8 =- 0.8A
500
700
m
Ω
11.12
VS =13.5V,
Tj = 125 °C,
IOUT7,8 =- 0.8A
700
950
m
Ω
11.13
On-resistance to
supply in high mode
(control register 1
bits 12 to15: 1010)
VS =13.5V,
Tj =25°C,
IOUT7,8 =- 0.2A
1800
2400
m
Ω
11.14
VS =13.5V,
Tj = 125 °C,
IOUT7,8 =- 0.2A
2500
3400
m
Ω
11.15
rON ECV
On-resistance to
GND
VS =13.5V,
Tj =25°C,
IOUTECV =+ 0.4 A
1600
2200
m
Ω
11.16
VS =13.5V,
Tj = 125 °C,
IOUTECV =+ 0.4 A
2500
3400
m
Ω
11.17
IQLH
Switched-off output
current highside
drivers of OUT1-6,
8-11
VOUT= 0V,
standby mode
-5
-2
µA
11.18
VOUT= 0V,
active mode
-10
-7
µA
Table 11.
On-resistance and switching times (continued)
Item
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com