Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L99DZ70XP Datasheet(PDF) 36 Page - STMicroelectronics

Part # L99DZ70XP
Description  Door actuator driver
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ70XP Datasheet(HTML) 36 Page - STMicroelectronics

Back Button L99DZ70XP Datasheet HTML 32Page - STMicroelectronics L99DZ70XP Datasheet HTML 33Page - STMicroelectronics L99DZ70XP Datasheet HTML 34Page - STMicroelectronics L99DZ70XP Datasheet HTML 35Page - STMicroelectronics L99DZ70XP Datasheet HTML 36Page - STMicroelectronics L99DZ70XP Datasheet HTML 37Page - STMicroelectronics L99DZ70XP Datasheet HTML 38Page - STMicroelectronics L99DZ70XP Datasheet HTML 39Page - STMicroelectronics L99DZ70XP Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 47 page
background image
SPI - control and status registers
L99DZ70XP
36/47
Doc ID 15162 Rev 4
5.3
Control register 2
Table 27.
Control register 2 (read/write)
Bit
Name
Comment
15
OUT1 – OCR
enable
In case of an over-current event the over-current status bit (Status
Register 0) is set and the output is switched off. If the Over-current
Recovery Enable bit (OCR) is set, the output will be automatically
reactivated after a delay time resulting in a PWM modulated current with
a programmable duty cycle (bit 5 of control register 3).
Depending on occurrence of over-current event and internal clock phase
it is possible that one recovery cycle is executed even if this bit is set to
zero. The ECV-OCR enable bit is disabled in electrochrome mode
(bit1=1 control register 1).
14
OUT2 – OCR
enable
13
OUT3 – OCR
enable
12
OUT4 – OCR
enable
11
OUT5 – OCR
enable
10
OUT6 – OCR
enable
9
ECV – OCR
enable
8
0
Reserved (has to be set to '0')
7
OUT1 PWM1
enable
If the PWM1/2 Enable bit is set and the output is enabled (control
register 0 or 1) the output is switched on if PWM1/2 input is high and
switched off if PWM1/2 input is low. OUT5, 8 and OUT10 are controlled
by PWM2 input, all other outputs are controlled by PWM1 input.
6
OUT2 PWM1
enable
5
OUT3 PWM1
enable
4
OUT4 PWM1
enable
3
OUT5 PWM2
enable
2
OUT6 PWM1
enable
1
ECV PWM1
enable
0
ECV-low voltage
The maximum ECV voltage in electrochrome mode is 1.5V. It
corresponds to the full scale range of the digital to analog converter
DAC set by the bits 7 to 2 of control register 1. If the ECV_low voltage bit
is set to '0', the maximum voltage is limited to 1.2V without changing the
resolution of the DAC. This is the default mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com