Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L99DZ70XP Datasheet(PDF) 18 Page - STMicroelectronics

Part # L99DZ70XP
Description  Door actuator driver
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ70XP Datasheet(HTML) 18 Page - STMicroelectronics

Back Button L99DZ70XP Datasheet HTML 14Page - STMicroelectronics L99DZ70XP Datasheet HTML 15Page - STMicroelectronics L99DZ70XP Datasheet HTML 16Page - STMicroelectronics L99DZ70XP Datasheet HTML 17Page - STMicroelectronics L99DZ70XP Datasheet HTML 18Page - STMicroelectronics L99DZ70XP Datasheet HTML 19Page - STMicroelectronics L99DZ70XP Datasheet HTML 20Page - STMicroelectronics L99DZ70XP Datasheet HTML 21Page - STMicroelectronics L99DZ70XP Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 47 page
background image
Electrical specifications
L99DZ70XP
18/47
Doc ID 15162 Rev 4
Figure 3.
Electrochrome control block diagram
2.5
SPI - Electrical characteristics
VS = 8 to 16V, VCC = 4.5 to 5.5V, Tj = - 40 to 150°C, unless otherwise specified. The
voltages are referred to GND and currents are assumed positive, when the current flows
into the pin.
13.9
IECDR
Current into ECDR
Vtarget >VECV + 500mV,
VECDR = 3.5V
-100
-10
µA
13.10
Vtarget < VECV - 500mV,
VECDR = 1.0V;
Vtarget=1 LSB;
VECV=0.5V
10
100
µA
13.11
Recdrdis
Pulldown resistance at
ECDR in fast
discharge mode
VECDR = 0.7V ;
Cntrl Reg 1: bit 8 and bit
1 = 1, all other bits = 0
5k
Ω
13.12
IQECDR
Quiescent current
VECDR = VS;
Cntrl. reg 1 bit 1 = 0
1µA
1.
Bit 7 to 2 = ‘1’ control register 1: ECV voltage, where IIECDR can change sign.
2.
1 LSB (Least Significant Bit)= 23.8 mV.
3.
Vtarget is set by bit 7 to 2 of control register 1 and bit 0 of control register 2; tested for each individual bit.
Table 13.
Electrochrome control (continued)
Item
Symbol
Parameter
Test condition
Min. Typ. Max.
Unit
Ω
Ω
D
A
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com