Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

P2020PSE2MZB Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # P2020PSE2MZB
Description  P2 Platform Series Dual core performance in a single core power envelope
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P2020PSE2MZB Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  P2020PSE2MZB Datasheet HTML 1Page - Freescale Semiconductor, Inc P2020PSE2MZB Datasheet HTML 2Page - Freescale Semiconductor, Inc P2020PSE2MZB Datasheet HTML 3Page - Freescale Semiconductor, Inc P2020PSE2MZB Datasheet HTML 4Page - Freescale Semiconductor, Inc P2020PSE2MZB Datasheet HTML 5Page - Freescale Semiconductor, Inc P2020PSE2MZB Datasheet HTML 6Page - Freescale Semiconductor, Inc P2020PSE2MZB Datasheet HTML 7Page - Freescale Semiconductor, Inc P2020PSE2MZB Datasheet HTML 8Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
freescale.com/QorIQ
4
Compute Blades
Blade servers have been widely adopted in
data centers because they cost less to deploy
and less to operate—due to savings in power
and cooling—than rack-optimized servers.
Blade servers are also more easily scaled
than fixed-capacity monolithic servers to meet
workload growth and are easier to service
with their field-replaceable blades.
Blades process and move a large amount of
data. Historically, designers have incorporated
more processors and more processor types.
Systems could include any number of CPUs,
DSPs, microcontrollers, network processors
and application-specific processors.
Embedding switches into blade servers
provides further infrastructure integration,
simplified management, greater scalability,
improved power and cooling efficiency and
increased application availability.
As enterprises begin to migrate to next-
generation data centers, blade server switches
are evolving to meet the new demands with
advanced functions such as application-aware
networking, low latency line-rate switching
at Gigabit (Gb) speeds, advanced QoS,
support for virtualization and advanced
security features.
QorIQ processors can help designers reap the
benefit of using highly integrated processors
with the I/O needed for application/content-
aware processing. Freescale partner
companiessuchas6WINDprovideanopen
framework to ease the transition from a
single core to many cores. Multicore-aware
networkmiddlewarefrom6WINDcanboost
performance, placing configuration and
management at the heart of the software. This
solves real business issues of time and cost
savings associated with software integration,
interface, configuration and network
management of multicore machines.
The P2020 processor can manage control
and dataplane functions in blade systems.
This reduces the cost of integrating additional
bridge chips to perform these functions.
Compute Blades
QorIQ™
P2020
FPGA
DDR
SDRAM
PMM
RGMII
RGMII
PCI
Express®
PCI Express1 x2 @ 2.5Gbaud/
SRIO1 (x1) @1.25 Gbaud /
SRIO2 (x1) @1.25 Gbaud
Serial
RapidIO®
eSDHC
RGMII
Serial
RS232
RJ45
DDR2/3
Micro-SD Flash
Front Panel
AMC Connector
Gigabit
Ethernet
PHY
Gigabit
Ethernet
PHY
Gigabit
Ethernet
PHY



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL