| Electronic Components Datasheet Search |
|
P2020PSE2MZB Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
P2020PSE2MZB Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc |
|
6 / 8 page ![]() freescale.com/QorIQ 7 Industrial Features for the Market: • IEEE® 1588 support for nanosecond level clock accuracy • Virtualizationsupport • DoubleprecisionFPU • Performanceto1500+MIPS • Memorymanagementunit(MMU)forOS support • <5Wperprocessortosupportfanless operation • MemoryL2512KB,DDR2/3support support Applications: • Robotics • Test/measurement,networking/telecom • Multifunctionprinter(MFP) • Singleboardcomputers • Industrialapplications • Medical Industrial Networking Disruptive technologies and trends are affecting the embedded market and providing device manufacturers in the industrial sector with a significant opportunity to improve both their devices and their businesses. Technical and industry trends in multicore processors and virtualization represent a significant opportunity for competitive advantage. Freescale’s QorIQ multicore processors provide increased overall performance and improved performance per watt over single-core processors. Multicore processor- based systems can also improve application scalability and protect software investment by allowing processors with more cores to be substituted to meet future demand. A dual-core processor can support networked communication from the factory floor on one processor while the other processor manages the lower field and data layer controlling the factory floor, linking sensors and actuators to controllers and ultimately to manufacturing equipment. Typically, this level requires equipment with very low power consumption. The P2020 typical power is less than five watts. Programmable Logic Control (PLC) Backplane Removable Storage MMC/SD Card Diagnostics, Maintenance Ethernet link to HMI, higher-level control, or enterprise network Ethernet links to smaller PLC or I/O devices: • EtherNet/IP™ • CIP Sync™ • PROFINET • EtherCAT • POWERLINK • PROFINET • Modbus TCP Fieldbus to end nodes: • PROFIBUS • DeviceNet™ • Modbus RTU External AC to high voltage DC USB HS eSDHC PCI Express® Serial RapidIO® P2020 Core 1 Local power rail management Shared L2 Cache DDR2/3 PCI Express® eSPI RGMII FPGA or ASIC FPGA or ASIC Ethernet PHY Ethernet PHY USB PHY DDR SDRAM P2020 Core 2 RGMII QorIQ™ P2020 RS-485 DUART |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |