Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DS80C320 Datasheet(PDF) 6 Page - Dallas Semiconductor

Part # DS80C320
Description  High-Speed/Low-Power Micro
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS80C320 Datasheet(HTML) 6 Page - Dallas Semiconductor

Back Button DS80C320 Datasheet HTML 2Page - Dallas Semiconductor DS80C320 Datasheet HTML 3Page - Dallas Semiconductor DS80C320 Datasheet HTML 4Page - Dallas Semiconductor DS80C320 Datasheet HTML 5Page - Dallas Semiconductor DS80C320 Datasheet HTML 6Page - Dallas Semiconductor DS80C320 Datasheet HTML 7Page - Dallas Semiconductor DS80C320 Datasheet HTML 8Page - Dallas Semiconductor DS80C320 Datasheet HTML 9Page - Dallas Semiconductor DS80C320 Datasheet HTML 10Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 42 page
background image
DS80C320/DS80C323
6 of 42
cycle operation to keep timing compatible with original 8051 systems. However, they can be programmed
to run at the new 4 clocks per cycle if desired.
New hardware features are accessed using Special Func tion Registers that do not overlap with standard
80C32 locations. A summary of these SFRs is provided below.
The DS80C320/DS80C323 addresses memory in an identical fashion to the standard 80C32. Electrical
timing will appear different due to the high-speed nature of the product. However, the signals are
essentially the same. Detailed timing diagrams are provided below in the electrical specifications.
This data sheet assumes the user is familiar with the basic features of the standard 80C32. In addition to
these standard features, the DS80C320/DS80C323 includes many new functions. This data sheet provides
only a summary and overview. Detailed descriptions are available in the User’s Guide located in the front
of the High-Speed Microcontroller data book.
COMPARATIVE TIMING OF THE DS80C320/DS80C323 AND 80C32 Figure 2
DS80C320/DS80C323 TIMING
STANDARD 80C32 TIMING



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com