Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AP-CF032GL9FS-NR Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # AP-CF032GL9FS-NR
Description  Specifications for Industrial CompactFlash Card
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AP-CF032GL9FS-NR Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button AP-CF032GL9FS-NR Datasheet HTML 9Page - List of Unclassifed Manufacturers AP-CF032GL9FS-NR Datasheet HTML 10Page - List of Unclassifed Manufacturers AP-CF032GL9FS-NR Datasheet HTML 11Page - List of Unclassifed Manufacturers AP-CF032GL9FS-NR Datasheet HTML 12Page - List of Unclassifed Manufacturers AP-CF032GL9FS-NR Datasheet HTML 13Page - List of Unclassifed Manufacturers AP-CF032GL9FS-NR Datasheet HTML 14Page - List of Unclassifed Manufacturers AP-CF032GL9FS-NR Datasheet HTML 15Page - List of Unclassifed Manufacturers AP-CF032GL9FS-NR Datasheet HTML 16Page - List of Unclassifed Manufacturers AP-CF032GL9FS-NR Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
Compact Flash 5 series
AP-CFxxxxL9XS-XXXXXX
12
© 2012 Apacer Technology Inc.
Rev. 1.2
9. Product Ordering Information
9.1 Product Code Designations
A P – CF x x x x L 9 X S – XXXXXX
Configuration
E
:Single Channel
F
:Dual Channel
Halogen Free Compliant
Model Name
Apacer Product Code
Capacities:
004G
4GB
008G
8GB
016G
16GB
032G
32GB
064G
64GB
CFC Type
CTL Type
Specification
RM: Removable
NR: Non-Removable
NDRM: Non-DMA + Removable
NDNR: Non-DMA + Non-Removable
ET: Extended Temperature
ETRM: Ext. Temp. + Removable
ETNR: Ext. Temp. + Non-Removable
ETNDRM: Ext. Temp + Non-DMA + Removable
ETNDNR: Ext. Temp + Non-DMA + Non-Removable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com