Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AP-CF032GL9FS-NR Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # AP-CF032GL9FS-NR
Description  Specifications for Industrial CompactFlash Card
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AP-CF032GL9FS-NR Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  AP-CF032GL9FS-NR Datasheet HTML 1Page - List of Unclassifed Manufacturers AP-CF032GL9FS-NR Datasheet HTML 2Page - List of Unclassifed Manufacturers AP-CF032GL9FS-NR Datasheet HTML 3Page - List of Unclassifed Manufacturers AP-CF032GL9FS-NR Datasheet HTML 4Page - List of Unclassifed Manufacturers AP-CF032GL9FS-NR Datasheet HTML 5Page - List of Unclassifed Manufacturers AP-CF032GL9FS-NR Datasheet HTML 6Page - List of Unclassifed Manufacturers AP-CF032GL9FS-NR Datasheet HTML 7Page - List of Unclassifed Manufacturers AP-CF032GL9FS-NR Datasheet HTML 8Page - List of Unclassifed Manufacturers AP-CF032GL9FS-NR Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Compact Flash 5 series
AP-CFxxxxL9XS-XXXXXX
3
© 2012 Apacer Technology Inc.
Rev. 1.2
1. General Description
Apacer’s value-added Industrial CompactFlash Card offers high performance, high reliability and power-
efficient storage. Regarding standard compliance, this CompactFlash Card complies with CompactFlash
specification revision 4.1, supporting transfer modes up to Programmed Input Output (PIO) Mode 6, Multi-
word Direct Memory Access (DMA) Mode 4, Ultra DMA Mode 5, and PCMCIA Ultra DMA Mode 5.
For power efficiency, this industrial CompactFlash card supports some power smart design mechanisms
such as Power-On-Reset, voltage regulator for output voltage adjustments and power failure protection,
as well as the automatic sleep and wake-up feature. In terms of security, it comes with a hardware write
protect switch.
In terms of data integrity and accuracy, the CompactFlash card is built with on-chip hardware 13/24 bit
BCH ECC engine that can correct up to 24-bit errors per 1,024 byte data. The 13-bit is used for 2KB page
size with 16 bytes spare region per 512 byte data, while the 24-bit ECC is used for flash with 218 or more
bytes, companied with 4KB data. The controller of this CompactFlash card is designed to transfer the host
data through fast DMA engine and utilize the internal memory buffer in a sufficient way, which greatly
minimizes the internal microprocessor’s loading and improves performance efficiency.
Apacer’s value-added CFC provides complete PCMCIA - ATA functionality and compatibility. Apacer ‘s
CompactFlash technology is designed for applications in Point of Sale (POS) terminals, telecom, IP-STB,
medical instruments, surveillance systems, industrial PCs and handheld applications such as the new
generation of Digital Single Lens Reflex (DSLR) cameras.
2. Functional Block
The CompactFlash Card (CFC) includes a controller and flash media, as well as the CompactFlash
standard interface. Figure 2-1 shows the functional block diagram.
Figure 2-1: Functional block diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com