Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AP-CF032GL9FS-NR Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # AP-CF032GL9FS-NR
Description  Specifications for Industrial CompactFlash Card
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AP-CF032GL9FS-NR Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  AP-CF032GL9FS-NR Datasheet HTML 1Page - List of Unclassifed Manufacturers AP-CF032GL9FS-NR Datasheet HTML 2Page - List of Unclassifed Manufacturers AP-CF032GL9FS-NR Datasheet HTML 3Page - List of Unclassifed Manufacturers AP-CF032GL9FS-NR Datasheet HTML 4Page - List of Unclassifed Manufacturers AP-CF032GL9FS-NR Datasheet HTML 5Page - List of Unclassifed Manufacturers AP-CF032GL9FS-NR Datasheet HTML 6Page - List of Unclassifed Manufacturers AP-CF032GL9FS-NR Datasheet HTML 7Page - List of Unclassifed Manufacturers AP-CF032GL9FS-NR Datasheet HTML 8Page - List of Unclassifed Manufacturers AP-CF032GL9FS-NR Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Compact Flash 5 series
AP-CFxxxxL9XS-XXXXXX
1
© 2012 Apacer Technology Inc.
Rev. 1.2
Features:
CompactFlash Association Specification
Revision 4.1 Standard Interface
–
512 bytes per sector
–
ATA command set compatible
–
ATA transfer mode supports:
PIO Mode 6
Multiword DMA Mode 4
Ultra DMA Mode 5
PCMCIA UDMA Mode 5
Capacities
–
4, 8, 16, 32, 64 GB
Performance
–
Sustained read: Up to 50 MB/sec
–
Sustained write: Up to 18 MB/sec
Intelligent ATA/IDE module
–
Wear-leveling algorithms to substantially
increase longevity of flash media
–
Built-in BCH ECC capable of correcting
up to 24 bits in 1,024 byte data
–
Supports S.M.A.R.T commands
NAND Flash Type: MLC
(commercial/Industrial grade)
Power Smart Design
Temperature ranges
–
Standard: 0°C to 70°C
–
Extended: -40°C to 85°C
–
Storage: -40°C to 100°C
Operating voltage for read and write
–
3.3 V
–
5.0 V
Power consumption (typical)**
–
Active mode: 165 mA
–
Standby mode: 2 mA
Connector Type
–
50 pins female
Physical Dimensions
–
36.4mm x 42.8mm x 3.3mm
RoHS compliant
*Performance and power consumption may vary depending on capacities and the platforms.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com