Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BAV19W Datasheet(PDF) 2 Page - PACELEADER INDUSTRIAL

Part # BAV19W
Description  SURFACE MOUNT SWIITCHING DIODES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

BAV19W Datasheet(HTML) 2 Page - PACELEADER INDUSTRIAL

  BAV19W Datasheet HTML 1Page - PACELEADER INDUSTRIAL BAV19W Datasheet HTML 2Page - PACELEADER INDUSTRIAL BAV19W Datasheet HTML 3Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Maximum Ratings
TA = 25°C unless otherwise noted
SURFACE MOUNT SWITCHING DIODES
SURFACE MOUNT SWITCHING DIODES
SURFACE MOUNT SWITCHING DIODES
BAV19W/BAV20W/BAV21W
Characteristic
Reverse Voltage
Non-Repetitive Peak Reverse Voltage
Peak Repetitive
Working Peak Reverse Voltage
DC Blocking Voltage
Thermal Resistance junction to
Ambient Air
Symbol
VRRM
VRWM
VR
VR(RMS)
IFSM
IFM
BAV19W
BAV21W
BAV20W
Unit
100
150
200
200
250
120
V
V
V
A
mA
mW
mA
Operating & Storage Temperature Range
TJ, TSTG
-55 to +150
VRM
500
Non-Repetitive Peak Forward Surge Current
RMS Reverse Voltage
71
2.5
0.5
Average Rectified Output Current
Io
200
400
C/W
C
R JA
106
141
Forward Continous Current
@t=1.0ms
@t=1.0s
Power Dissipation
PD
250
(1)
o
ELECTRICAL CHARACTERISTICS (TA=25 C unless otherwise noted)
Characteristic
Symbol
V(BR)R
Min
Max
Unit
-
-
-
-
-
-
-
-
-
V
Total Capacitance
200
250
1.0
120
Peak Reverse Current
IR
uA
nA
(IF=100 mA)
(IF=200 mA)
(IF=I =30mA)
(IR=100 uA)
(VR=0, f=1.0MHz)
VF
V
Forward Voltage
C
PF
Reverse Reverse Breakdown Voltage
BAV19W
BAV20W
BAV21W
1.25
100
15
@Rated DC Blocking Voltage
Tj=25 C
Tj=100 C
T
5.0
50
Rverse Recovery Time
t rr
ns
R
(Irr=0.1 I , R =100 )
R L
I
I
Ω
Note:
1.Valid rovided that terminals are ke t at ambient tem erature.
Item
Marking
Eqivalent Circuit diagram
BAV19W
BAV20W
BAV21W
A8
T2
T3
2
1
o
MAXIMUM RATINGS
(TA=25 C unless otherwise noted)
2
www.paceleader.tw



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com