Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BAV19W Datasheet(PDF) 3 Page - PACELEADER INDUSTRIAL

Part # BAV19W
Description  SURFACE MOUNT SWIITCHING DIODES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

BAV19W Datasheet(HTML) 3 Page - PACELEADER INDUSTRIAL

  BAV19W Datasheet HTML 1Page - PACELEADER INDUSTRIAL BAV19W Datasheet HTML 2Page - PACELEADER INDUSTRIAL BAV19W Datasheet HTML 3Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
50
100
150
200
0
0
T , AMB IE NT T E MP E R AT UR E ( C )
A
300
250
25
50
75
100
125
150
0.001
0.01
0.1
1
0
0.4
0.2
0. 6
V , INS TANTANE OUS F OR WAR D V OLTAG E (V )
F
0.8
1.2
1.0
1.4
T = 0 C
A
T = 150 C
A
T = -40 C
A
T = 25 C
A
T = 75 C
A
T = 125 C
A
0.0
0.5
1.0
1.5
3.5
3.0
2.5
2.0
4.0
0
10
20
40
30
V , R E V E R S E V OLTAG E (V )
R
f = 1.0MHz
0.0001
0.01
0.001
0.1
1
10
100
0
50
100
200
150
250
V , INS TANTANE OUS R E V E R S E V OLTAG E (V )
R
T = -40 C
A
T
= 25 C
A
T = 75 C
A
T = 125 C
A
T = 150 C
A
T
= 0 C
A
FIG. 1 Power Derating Curve
FIG. 3 Typical Reverse Characteristics
FIG. 4 Typical Capacitance vs. Reverse Voltage
FIG. 2 Typical Forward Characteristics
SURFACE MOUNT SWITCHING DIODES
SURFACE MOUNT SWITCHING DIODES
SURFACE MOUNT SWITCHING DIODES
BAV19W/BAV20W/BAV21W
www.paceleader.tw
3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com