Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BAV19W Datasheet(PDF) 1 Page - PACELEADER INDUSTRIAL

Part # BAV19W
Description  SURFACE MOUNT SWIITCHING DIODES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

BAV19W Datasheet(HTML) 1 Page - PACELEADER INDUSTRIAL

  BAV19W Datasheet HTML 1Page - PACELEADER INDUSTRIAL BAV19W Datasheet HTML 2Page - PACELEADER INDUSTRIAL BAV19W Datasheet HTML 3Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
FEATURES
www.paceleader.tw
MACHANICAL DATA
SURFACE MOUNT SWITCHING DIODES
SURFACE MOUNT SWITCHING DIODES
SURFACE MOUNT SWITCHING DIODES
BAV19W/BAV20W/BAV21W
SWITCHING DIODE 200mAMPERS 120-250VOL TS
*Fast Switching Speed
*Surface Mount Package Ideally Suited for Automatic Insertion
*For General Purpose Switching Applications
*Case: SOD-123, Molded Plastic
*Case Material: UL Flammability Rating Classification 94V-0
*Terminals: Solderable per MIL-STD-202, Method 208
*Polarity: Cathode Band
*Weight: 0.01 grams(approx.)
SOD-123
.055(1.40)
.071(1.80)
.004(0.10)
.006(0.15)
.028(0.70)
.020(0.50)
0.30REF
.037(0.95)
.053(1.35)
1.00(2.55)
1.12(2.85)
1.40(3.55)
1.52(3.85)


Similar Part No. - BAV19W

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAV19W PANJIT-BAV19W Datasheet
54Kb / 3P
SURFACE MOUNT SWITCHING DIODES
logo
Transys Electronics
BAV19W TRSYS-BAV19W Datasheet
147Kb / 2P
SURFACE MOUNT SWITCHING DIODE
logo
Won-Top Electronics
BAV19W WTE-BAV19W Datasheet
43Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
logo
Diodes Incorporated
BAV19W DIODES-BAV19W Datasheet
70Kb / 3P
SURFACE MOUNT SWITCHING DIODE
DS12024 Rev. 9 - 2
logo
General Semiconductor
BAV19W GE-BAV19W Datasheet
187Kb / 4P
Small Signal Diodes
More results

Similar Description - BAV19W

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
MM4148 JGD-MM4148 Datasheet
213Kb / 3P
SURFACE MOUNT SWITCHING DIODES
MMBD1401 JGD-MMBD1401 Datasheet
96Kb / 1P
SURFACE MOUNT SWITCHING DIODES
logo
Hi-Sincerity Mocroelect...
HMM4148 HSMC-HMM4148 Datasheet
36Kb / 3P
SURFACE MOUNT SITCHING DIODES
logo
Comchip Technology
CZRW5221 COMCHIP-CZRW5221 Datasheet
77Kb / 4P
Surface Mount Zener Diodes
CZRL47 COMCHIP-CZRL47 Datasheet
62Kb / 3P
Surface Mount Zener Diodes
CZRB5926 COMCHIP-CZRB5926 Datasheet
73Kb / 3P
Surface Mount Zener Diodes
logo
Formosa MS
MM3Z FORMOSA-MM3Z Datasheet
543Kb / 5P
Surface Mount Zener Diodes
logo
Cystech Electonics Corp...
MF400XSL CYSTEKEC-MF400XSL Datasheet
135Kb / 3P
SURFACE MOUNT DIODES
logo
Shenzhen Luguang Electr...
MMBD4448W LUGUANG-MMBD4448W Datasheet
272Kb / 2P
Surface Mount Switching Diodes
logo
Voltage Multipliers Inc...
SXF50FF3 VMI-SXF50FF3 Datasheet
75Kb / 1P
High Voltage Diodes - Surface Mount High Voltage Diodes - Surface Mount
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com