Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PD57045STR-E Datasheet(PDF) 8 Page - STMicroelectronics

Part # PD57045STR-E
Description  RF POWER transistor, LdmoST plastic family N-channel enhancement-mode, lateral MOSFETs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PD57045STR-E Datasheet(HTML) 8 Page - STMicroelectronics

Back Button PD57045STR-E Datasheet HTML 4Page - STMicroelectronics PD57045STR-E Datasheet HTML 5Page - STMicroelectronics PD57045STR-E Datasheet HTML 6Page - STMicroelectronics PD57045STR-E Datasheet HTML 7Page - STMicroelectronics PD57045STR-E Datasheet HTML 8Page - STMicroelectronics PD57045STR-E Datasheet HTML 9Page - STMicroelectronics PD57045STR-E Datasheet HTML 10Page - STMicroelectronics PD57045STR-E Datasheet HTML 11Page - STMicroelectronics PD57045STR-E Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
Typical performance
PD57045-E, PD57045S-E
8/20
Doc ID 12616 Rev 2
Figure 11.
Output power vs bias curren
Figure 12.
Drain efficiency vs bias current
Figure 13.
Output power vs drain voltage
Figure 14.
Output power vs gate bias voltage
0
200
400
600
800
1000
Idq, BIAS CURRENT (mA)
20
30
40
50
60
Pin = 1.5 W
Vdd = 28 V
f = 945 MHz
0
200
400
600
800
1000
Idq, BIAS CURRENT (mA)
30
40
50
60
70
Pin =1.5W
Vdd=28V
f =945 MHz
16
18
20
22
24
26
28
30
32
34
VDS, DRAIN-SOURCE VOLTAGE (V)
10
20
30
40
50
60
70
80
Pin = 2 W
Pin = 1 W
Pin =3 W
Pin = 1.5 W
f = 945 MHz
Vdd = 28 V
Idq = 250 mA
0
0.5
1
1.5
2
2.5
3
3.5
4
VGS, GATE BIAS VOLTAGE (V)
0
10
20
30
40
50
Pin = 1.5 W
Vdd = 28 V
f = 945 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com