Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PD57045STR-E Datasheet(PDF) 10 Page - STMicroelectronics

Part # PD57045STR-E
Description  RF POWER transistor, LdmoST plastic family N-channel enhancement-mode, lateral MOSFETs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PD57045STR-E Datasheet(HTML) 10 Page - STMicroelectronics

Back Button PD57045STR-E Datasheet HTML 6Page - STMicroelectronics PD57045STR-E Datasheet HTML 7Page - STMicroelectronics PD57045STR-E Datasheet HTML 8Page - STMicroelectronics PD57045STR-E Datasheet HTML 9Page - STMicroelectronics PD57045STR-E Datasheet HTML 10Page - STMicroelectronics PD57045STR-E Datasheet HTML 11Page - STMicroelectronics PD57045STR-E Datasheet HTML 12Page - STMicroelectronics PD57045STR-E Datasheet HTML 13Page - STMicroelectronics PD57045STR-E Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Test circuit
PD57045-E, PD57045S-E
10/20
Doc ID 12616 Rev 2
Figure 16.
Test circuit
Table 8.
Test circuit component part list
Component
Description
L1,L2
Inductor, 5 turns air wound #22AWG, ID 0.059{1.49}, nylon coated
magnet wire
FB1,FB2
Shield bead surface mount EMI
R1
18 k
Ω, 1 W surface mount chip resistor
R2
4.7 M
Ω, 1 W surface mount chip resistor
R3
120
Ω, 2 W surface mount chip resistor
C1,C2
3 pF ATC 100B surface mount ceramic chip capacitor
C3,C10,C11,C15
47 pF ATC 100B surface mount ceramic chip capacitor
C4,C9
0.8-8.0 pF giga trim variable capacitor
C5,C6,C7,C8
7.5 pF ATC 100B surface mount ceramic chip capacitor
C12
1000 pF ATC 700B surface mount ceramic chip capacitor
C13,C17
0.1 µF/500 V surface mount ceramic chip capacitor
C14
10 µF/50 V aluminum electrolytic radial lead capacitor
C16
100 pF ATC 100B surface mount ceramic chip capacitor
C18
220 µF/63 V aluminum electrolytic radial lead capacitor
Board
Roger, ultra lam 2000, THK 0.030”,
εr = 2.55 2oz. ED cu 2 sides.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com