Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PD57045STR-E Datasheet(PDF) 12 Page - STMicroelectronics

Part # PD57045STR-E
Description  RF POWER transistor, LdmoST plastic family N-channel enhancement-mode, lateral MOSFETs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PD57045STR-E Datasheet(HTML) 12 Page - STMicroelectronics

Back Button PD57045STR-E Datasheet HTML 8Page - STMicroelectronics PD57045STR-E Datasheet HTML 9Page - STMicroelectronics PD57045STR-E Datasheet HTML 10Page - STMicroelectronics PD57045STR-E Datasheet HTML 11Page - STMicroelectronics PD57045STR-E Datasheet HTML 12Page - STMicroelectronics PD57045STR-E Datasheet HTML 13Page - STMicroelectronics PD57045STR-E Datasheet HTML 14Page - STMicroelectronics PD57045STR-E Datasheet HTML 15Page - STMicroelectronics PD57045STR-E Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
Common source s-parameter
PD57045-E, PD57045S-E
12/20
Doc ID 12616 Rev 2
6
Common source s-parameter
Table 9.
S-parameter for PD57045S-E (VDS = 13.5 V IDS = 1.5 A)
Freq
(MHz)
IS11I
S11 < Φ
IS21I
S21< Φ
IS12I
S12< Φ
IS22I
S22< Φ
50
0.825
-170
14.34
85
0.014
-1
0.819
-171
100
0.875
-173
6.94
79
0.013
-6
0.824
-175
150
0.895
-175
4.67
75
0.013
-10
0.828
-175
200
0.908
-176
3.44
70
0.013
-14
0.837
-176
250
0.910
-177
2.70
65
0.012
-16
0.842
-176
300
0.916
-178
2.20
60
0.012
-18
0.854
-176
350
0.922
-178
1.82
55
0.011
-23
0.864
-176
400
0.926
-179
1.55
51
0.010
-25
0.874
-176
450
0.933
-179
1.32
47
0.010
-25
0.883
-177
500
0.937
-179
1.14
44
0.008
-25
0.893
-177
550
0.942
-180
1.00
40
0.008
-24
0.901
-177
600
0.946
180
0.88
37
0.007
-25
0.912
-177
650
0.949
180
0.79
34
0.007
-25
0.915
-178
700
0.951
179
0.70
32
0.006
-20
0.922
-178
750
0.954
179
0.63
29
0.005
-23
0.926
-179
800
0.958
178
0.57
27
0.005
-14
0.932
-179
850
0.961
178
0.52
24
0.004
-6
0.932
-180
900
0.963
178
0.47
22
0.004
3
0.942
179
950
0.964
177
0.44
20
0.004
1
0.942
180
1000
0.966
177
0.40
18
0.004
7
0.943
179
1050
0.967
176
0.37
16
0.003
26
0.946
179
1100
0.966
176
0.35
15
0.003
51
0.949
178
1150
0.969
176
0.32
13
0.003
56
0.950
179
1200
0.970
175
0.30
11
0.004
62
0.953
179
1250
0.970
175
0.29
9
0.004
55
0.967
178
1300
0.971
175
0.26
7
0.004
65
0.972
176
1350
0.972
174
0.25
6
0.004
71
0.958
176
1400
0.972
174
0.23
4
0.005
81
0.961
176
1450
0.970
174
0.22
3
0.006
91
0.958
175
1500
0.970
173
0.20
2
0.007
100
0.963
175



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com