Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FAR-F5CH-933M50-L2CM-R Datasheet(PDF) 1 Page - fujitsu semiconductor

Part # FAR-F5CH-933M50-L2CM-R
Description  Piezoelectric SAW BPF (700 to 1000 MHz)
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

FAR-F5CH-933M50-L2CM-R Datasheet(HTML) 1 Page - fujitsu semiconductor

  FAR-F5CH-933M50-L2CM-R Datasheet HTML 1Page - fujitsu semiconductor FAR-F5CH-933M50-L2CM-R Datasheet HTML 2Page - fujitsu semiconductor FAR-F5CH-933M50-L2CM-R Datasheet HTML 3Page - fujitsu semiconductor FAR-F5CH-933M50-L2CM-R Datasheet HTML 4Page - fujitsu semiconductor FAR-F5CH-933M50-L2CM-R Datasheet HTML 5Page - fujitsu semiconductor FAR-F5CH-933M50-L2CM-R Datasheet HTML 6Page - fujitsu semiconductor FAR-F5CH-933M50-L2CM-R Datasheet HTML 7Page - fujitsu semiconductor FAR-F5CH-933M50-L2CM-R Datasheet HTML 8Page - fujitsu semiconductor FAR-F5CH-933M50-L2CM-R Datasheet HTML 9Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
1
DS04-23112-1E
FUJITSU SEMICONDUCTOR
DATA SHEET
ASSP Mobile Communication Systems
Piezoelectric SAW BPF
(700 to 1000 MHz)
F5CH Series (L2 type)
s DESCRIPTION
The F5CH series of SAW bandpass filters apply to the frequency range 700 to 1000 MHz.
The SAW filters are fabricated on a lithium tantalate (LiTaO3) substrate, producing filters with a wide frequency
bandwidth, low insertion loss in passband and superior stability due to the high electromechanical coupling coefficient
of the material.
The F5CH series filters are housed in a small surface mount package. Moreover, the impedance in the passband is
50 ohms, and so applications require no external matching circuits.
The F5CH series SAW filters are suitable for interstage RF filter in mobile communications systems in the frequency
range 700 to 1000 MHz. Standard devices are available for AMPS, ETACS, GSM, EGSM, PDC and so on.
s FEATURES
• Low insertion loss and high attenuation
• High handling power (0.2 Watt)
• Ultra compact and light package (3.8 mm)
• External matching circuits are not required.
• Surface mount package (SMT)
• Wide variety of standard devices for worldwide mobile communication systems
(AMPS, GSM, EGSM, ETACS, PDC800, NTACS, 2 WAY PAGER etc.)
s PACKAGE
MD
F
11
r


Similar Part No. - FAR-F5CH-933M50-L2CM-R

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
FAR-F5CE FUJITSU-FAR-F5CE Datasheet
515Kb / 49P
Piezoelectric SAW BPF (700 to 1700 MHz)
FAR-F5CE-820M00-D231 FUJITSU-FAR-F5CE-820M00-D231 Datasheet
198Kb / 19P
Piezoelectric SAW BPF (700 to 1000 MHz)
FAR-F5CE-820M00-D231-U FUJITSU-FAR-F5CE-820M00-D231-U Datasheet
198Kb / 19P
Piezoelectric SAW BPF (700 to 1000 MHz)
FAR-F5CE-820M00-D231-U FUJITSU-FAR-F5CE-820M00-D231-U Datasheet
515Kb / 49P
Piezoelectric SAW BPF (700 to 1700 MHz)
FAR-F5CE-820M00-D231-V FUJITSU-FAR-F5CE-820M00-D231-V Datasheet
198Kb / 19P
Piezoelectric SAW BPF (700 to 1000 MHz)
More results

Similar Description - FAR-F5CH-933M50-L2CM-R

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
FAR-D5CC FUJITSU-FAR-D5CC Datasheet
127Kb / 15P
SAW Duplexer (700 to 1000 MHz)
FAR-F5CE-D2 FUJITSU-FAR-F5CE-D2 Datasheet
198Kb / 19P
Piezoelectric SAW BPF (700 to 1000 MHz)
FAR-F5CE FUJITSU-FAR-F5CE Datasheet
515Kb / 49P
Piezoelectric SAW BPF (700 to 1700 MHz)
FAR-F5CM FUJITSU-FAR-F5CM Datasheet
128Kb / 15P
SAW Filter (700 to 1000 MHz)
FAR-F5CP FUJITSU-FAR-F5CP Datasheet
230Kb / 18P
Piezoelectric SAW BPF (700 to 1700MHz)
FAR-F6CE FUJITSU-FAR-F6CE Datasheet
428Kb / 39P
Piezoelectric SAW BPF (1000 to 2500 MHz)
logo
OKI electronic componet...
MBF9042BB OKI-MBF9042BB Datasheet
97Kb / 11P
SAW Antenna Duplexer (700 to 1000 MHz)
MBF9045BB OKI-MBF9045BB Datasheet
131Kb / 10P
SAW Antenna Duplexer (700 to 1000 MHz)
MBF9045BC OKI-MBF9045BC Datasheet
122Kb / 11P
SAW Antenna Duplexer (700 to 1000 MHz)
MBF9046BC OKI-MBF9046BC Datasheet
145Kb / 11P
SAW Antenna Duplexer (700 to 1000 MHz)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com