Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FAR-F5CH-933M50-L2CM-R Datasheet(PDF) 34 Page - fujitsu semiconductor

Part # FAR-F5CH-933M50-L2CM-R
Description  Piezoelectric SAW BPF (700 to 1000 MHz)
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

FAR-F5CH-933M50-L2CM-R Datasheet(HTML) 34 Page - fujitsu semiconductor

Back Button FAR-F5CH-933M50-L2CM-R Datasheet HTML 30Page - fujitsu semiconductor FAR-F5CH-933M50-L2CM-R Datasheet HTML 31Page - fujitsu semiconductor FAR-F5CH-933M50-L2CM-R Datasheet HTML 32Page - fujitsu semiconductor FAR-F5CH-933M50-L2CM-R Datasheet HTML 33Page - fujitsu semiconductor FAR-F5CH-933M50-L2CM-R Datasheet HTML 34Page - fujitsu semiconductor FAR-F5CH-933M50-L2CM-R Datasheet HTML 35Page - fujitsu semiconductor FAR-F5CH-933M50-L2CM-R Datasheet HTML 36Page - fujitsu semiconductor FAR-F5CH-933M50-L2CM-R Datasheet HTML 37Page - fujitsu semiconductor FAR-F5CH-933M50-L2CM-R Datasheet HTML 38Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 39 page
background image
34
F5CH Series (L2 type)
s MEASURING CIRCUIT
s PART NUMBER DESIGNATION
(1) to (6): Pin number
(1) (3) (4) (6)
(5)
(2)
[Designation example]
(1)Frequency designation:
Specify the nominal frequency in six alphanumeric characters.
Enter M (for MHz) at the decimal point.
Refer to standard frequencies.
[Example]
836.5 MHz
⇒ 836M50
(2)Serial number:
Specify a characters from AA to KZ.
Refer to standard frequencies.
(3)Packing (Reeled tape):
T:1 k pcs/reel
R: 3k pcs/reel
FAR–F5CH–
–L2
–
(1)
(2) (3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com