Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FAR-F5CH-933M50-L2CM-R Datasheet(PDF) 21 Page - fujitsu semiconductor

Part # FAR-F5CH-933M50-L2CM-R
Description  Piezoelectric SAW BPF (700 to 1000 MHz)
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

FAR-F5CH-933M50-L2CM-R Datasheet(HTML) 21 Page - fujitsu semiconductor

Back Button FAR-F5CH-933M50-L2CM-R Datasheet HTML 17Page - fujitsu semiconductor FAR-F5CH-933M50-L2CM-R Datasheet HTML 18Page - fujitsu semiconductor FAR-F5CH-933M50-L2CM-R Datasheet HTML 19Page - fujitsu semiconductor FAR-F5CH-933M50-L2CM-R Datasheet HTML 20Page - fujitsu semiconductor FAR-F5CH-933M50-L2CM-R Datasheet HTML 21Page - fujitsu semiconductor FAR-F5CH-933M50-L2CM-R Datasheet HTML 22Page - fujitsu semiconductor FAR-F5CH-933M50-L2CM-R Datasheet HTML 23Page - fujitsu semiconductor FAR-F5CH-933M50-L2CM-R Datasheet HTML 24Page - fujitsu semiconductor FAR-F5CH-933M50-L2CM-R Datasheet HTML 25Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 39 page
background image
21
F5CH Series (L2 type)
9.
NTACS System (Rx)
Part number: FAR-F5CH-856M50-L2DM
CH1
Cor
H1d
S21
log
MAG
5 dB/
REF 0 dB
1 : –34.861 dB
CENTER 860.000 000 MHz
SPAN 300.000 000 MHz
CENTER 860.000 000 MHz
SPAN 300.000 000 MHz
CENTER 860.000 000 MHz
SPAN 300.000 000 MHz
CENTER 860.000 000 MHz
SPAN 300.000 000 MHz
1
CH1
Cor
H1d
SWR
S11/M
1/REF 1
CH2 S22/M
Cor
H1d
SWR
1/REF 1
4
CH1
Cor
H1d
S11
1FS
1
/
1.9241
Ω
4.9683
Ω
970.21
MU
:
CH 2
Cor
H1d
S22
1
FS
1 :
/
2.2849
Ω
4.9897
Ω
974.41 pH
815.000 000 MHz
MU
1
4
2
1
2 : 36.621
Ω
3.9043
Ω
843 MHz
3 : 46.756
Ω
–1.5684
Ω
870 MHz
4 : 6.7734
Ω
–40.266
Ω
898 MHz
2 : –2.2966 dB
843 MHz
3 : –2.1416 dB
870 MHz
4 : –41.802 dB
898 MHz
3
815.000 000 MHz
2
1
2
3
1
4
4
3
1 : 22.101
815.000 000 MHz
2 : 1.3161
843 MHz
3 : 1.1235
870 MHz
4 : 12.447
898 MHz
2 : 1.3831
843 MHz
3 : 1.0814
870 MHz
4 : 12.225
898 MHz
815.000 000 MHz
1 : 26.234
pH
815.000 000 MHz
2 : 38.047
Ω
1.0195
Ω
843 MHz
3 : 46.201
Ω
–3.916
Ω
870 MHz
4 : 6.7637
Ω
–41.115
Ω
898 MHz
4
2
3
2
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com