Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP3943 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LP3943
Description  RGB/White/Blue 16-LED Fun Light Driver
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3943 Datasheet(HTML) 1 Page - Texas Instruments

  LP3943 Datasheet HTML 1Page - Texas Instruments LP3943 Datasheet HTML 2Page - Texas Instruments LP3943 Datasheet HTML 3Page - Texas Instruments LP3943 Datasheet HTML 4Page - Texas Instruments LP3943 Datasheet HTML 5Page - Texas Instruments LP3943 Datasheet HTML 6Page - Texas Instruments LP3943 Datasheet HTML 7Page - Texas Instruments LP3943 Datasheet HTML 8Page - Texas Instruments LP3943 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
LP3943
www.ti.com
SNVS256A – MAY 2004 – REVISED MAY 2004
LP3943 RGB/White/Blue 16-LED Fun Light Driver
Check for Samples: LP3943
1
FEATURES
APPLICATIONS
2
Internal power-on reset
Customized flashing LED lights for cellular
phones
Active low reset
Portable Applications
Internal precision oscillator
Digital Cameras
Variable dim rates (from 6.25 ms to 1.6s; 160
Hz–0.625 Hz)
Indicator Lamps
General purpose I/O expander
Toys
DESCRIPTION
LP3943 is an integrated device capable of independently driving 16 LEDs. This device also contains an internal
precision oscillator that provides all the necessary timing required for driving each LED. Two prescaler registers
along with two PWM registers provide a versatile duty cycle control. The LP3943 contains the ability to dim LEDs
in SMBUS/I2C applications where it is required to cut down on bus traffic.
Traditionally, to dim LEDs using a serial shift register such as 74LS594/5 would require a large amount of traffic
to be on the serial bus. LP3943 instead requires only the setup of the frequency and duty cycle for each output
pin. From then on, only a single command from the host is required to turn each individual open drain output ON,
OFF, or to cycle a programmed frequency and duty cycle. Maximum output sink current is 25 mA per pin and
200 mA per package. Any ports not used for controlling the LEDs can be used for general purpose input/output
expansion.
Table 1. Key Specifications
16 LED driver (multiple programmable states—on, off, input, and dimming at a specified rate)
16 Open drain outputs capable of driving up to 25 mA per LED
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2004, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LP3943

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3943 NSC-LP3943 Datasheet
264Kb / 13P
RGB/White/Blue 16-LED Fun Light Driver
logo
Texas Instruments
LP3943 TI2-LP3943 Datasheet
614Kb / 24P
LP3943 16-Channel RGB, White-LED Driver with Independent SMBUS/I2C String Control
REVISED OCTOBER 2024
logo
National Semiconductor ...
LP3943ISQ NSC-LP3943ISQ Datasheet
264Kb / 13P
RGB/White/Blue 16-LED Fun Light Driver
logo
Texas Instruments
LP3943ISQ TI1-LP3943ISQ Datasheet
983Kb / 25P
RGB, White, Blue 16-LED Fun Light Driver
LP3943ISQ TI2-LP3943ISQ Datasheet
614Kb / 24P
LP3943 16-Channel RGB, White-LED Driver with Independent SMBUS/I2C String Control
REVISED OCTOBER 2024
More results

Similar Description - LP3943

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3943 NSC-LP3943 Datasheet
264Kb / 13P
RGB/White/Blue 16-LED Fun Light Driver
LP3944 NSC-LP3944 Datasheet
249Kb / 12P
RGB/White/Blue 8-LED Fun Light Driver
logo
List of Unclassifed Man...
EC4006 ETC2-EC4006 Datasheet
211Kb / 8P
DC/DC WHITE LIGHT LED DRIVER
logo
LIGITEK electronics co....
LGXRGB-501H LIGITEK-LGXRGB-501H Datasheet
168Kb / 10P
RGB Power Light LED
logo
Integrated Silicon Solu...
IS31FL3193 ISSI-IS31FL3193 Datasheet
356Kb / 13P
3-CHANNEL FUN LED DRIVER
logo
Texas Instruments
LP3944 TI1-LP3944_14 Datasheet
931Kb / 17P
RGB/White/Blue 8-LED Fun Light Driver
LP3943 TI1-LP3943_15 Datasheet
983Kb / 25P
RGB, White, Blue 16-LED Fun Light Driver
logo
Integrated Silicon Solu...
IS31FL3191 ISSI-IS31FL3191 Datasheet
315Kb / 12P
1-CHANNEL FUN LED DRIVER
IS31FL3191-UTLS2-TR ISSI-IS31FL3191-UTLS2-TR Datasheet
319Kb / 15P
1-CHANNEL FUN LED DRIVER
IS31FL3193-DLS2-EB ISSI-IS31FL3193-DLS2-EB Datasheet
320Kb / 13P
3-CHANNEL FUN LED DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com