Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MB40C328VPFV Datasheet(PDF) 6 Page - fujitsu semiconductor

Part # MB40C328VPFV
Description  8-bit 100 MSPS A/D Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB40C328VPFV Datasheet(HTML) 6 Page - fujitsu semiconductor

Back Button MB40C328VPFV Datasheet HTML 2Page - fujitsu semiconductor MB40C328VPFV Datasheet HTML 3Page - fujitsu semiconductor MB40C328VPFV Datasheet HTML 4Page - fujitsu semiconductor MB40C328VPFV Datasheet HTML 5Page - fujitsu semiconductor MB40C328VPFV Datasheet HTML 6Page - fujitsu semiconductor MB40C328VPFV Datasheet HTML 7Page - fujitsu semiconductor MB40C328VPFV Datasheet HTML 8Page - fujitsu semiconductor MB40C328VPFV Datasheet HTML 9Page - fujitsu semiconductor MB40C328VPFV Datasheet HTML 10Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
MB40C328V
s RECOMMENDED OPERATING CONDITIONS
WARNING: The recommended operating conditions are required in order to ensure the normal operation of the
semiconductor device. All of the device’s electrical characteristics are warranted when the device is
operated within these ranges.
Always use semiconductor devices within their recommended operating condition ranges. Operation
outside these ranges may adversely affect reliability and could result in device failure.
No warranty is made with respect to uses, operating conditions, or combinations not represented on
the data sheet. Users considering application outside the listed conditions are advised to contact their
FUJITSU representatives beforehand.
Parameter
Symbol
Value
Unit
Min.
Typ.
Max.
Power supply voltage
AVDD, DVDD
3.00
3.30
3.60
V
DVDDI
4.75
5.00
5.25
V
Analog input voltage
VINA
VRB
—VRT
V
Analog reference voltage: T
VRT
—
—
3.00
V
Analog reference voltage: B
VRB
0.00
—
—
V
Analog reference voltage range
VRT – VRB
1.90
2.00
2.10
V
Digital “H” level
input voltage
OE, DSEL
VIHD
DVDD – 0.5
—
—
V
CKSEL, CE
AVDD – 0.5
—
—
V
CLK, CLKA, CLKB,
RESET
2.6
—
—
V
Digital “L” level input
voltage
OE, DSEL
VILD
——
0.5
V
CKSEL, CE
——
0.5
V
CLK, CLKA, CLKB,
RESET
——
0.5
V
Digital input current
IID
–20
—
5
µA
Single-phase clock frequency
fCLK
0.1
—
100
MHz
Two-phase clock frequency
fCLKA, fCLKB
0.1
—
50
MHz
Minimum clock pulse width (single-phase)
tWS+, tWS–
4.0
5.0
—
ns
Minimum clock pulse width (two-phase)
tWD+, tWD–
8.0
10.0
—
ns
Clock pulse rising/falling time
tr, tf
—2.0
—
ns
RESET signal setup time
ts
3.0
—
—
ns
RESET signal hold time
th
3.0
—
—
ns
Operating temperature range
Ta
–20
—
+70
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com