Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MB40C328VPFV Datasheet(PDF) 1 Page - fujitsu semiconductor

Part # MB40C328VPFV
Description  8-bit 100 MSPS A/D Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB40C328VPFV Datasheet(HTML) 1 Page - fujitsu semiconductor

  MB40C328VPFV Datasheet HTML 1Page - fujitsu semiconductor MB40C328VPFV Datasheet HTML 2Page - fujitsu semiconductor MB40C328VPFV Datasheet HTML 3Page - fujitsu semiconductor MB40C328VPFV Datasheet HTML 4Page - fujitsu semiconductor MB40C328VPFV Datasheet HTML 5Page - fujitsu semiconductor MB40C328VPFV Datasheet HTML 6Page - fujitsu semiconductor MB40C328VPFV Datasheet HTML 7Page - fujitsu semiconductor MB40C328VPFV Datasheet HTML 8Page - fujitsu semiconductor MB40C328VPFV Datasheet HTML 9Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
DS04-28218-2E
FUJITSU SEMICONDUCTOR
DATA SHEET
ASSP For Video Applications
CMOS
8-bit 100 MSPS A/D Converter
MB40C328V
s DESCRIPTION
MB40C328V is a high-speed A/D converter using a fast CMOS technology.
s FEATURES
• Resolution
: 8 bit
• Linearity error
:
±0.40% (standard)
• Maximum conversion rate
: 100 MSPS (minimum)
• Power supply voltage
: 5 V (standard: digital input)
3.3 V (standard: A/D converter)
• Clock input voltage range
: TTL level (100 MHz max single phase input CLK,
50 MHz max two-phase input CLKA, CLKB)
• Digital input voltage range
: TTL level (RESET)
3.3 V CMOS level (CE, OE, CKSEL, DSEL)
• Digital output voltage range : 3.3 V CMOS level compatible
• Analog input voltage range
: 0 to 3.0 V (2 Vp-p)
• Analog input capacitance
: 22 pF (standard)
• Power dissipation
: 210 mW (standard)
• Additional features
: Reference voltage generator circuit: VREFT = 3.0 V, VREFB = 1.0 V
High impedance output, power down function
1:2 demultiplex output enable (RESET action enable)
1/2 deviding clock output
Cross sampling at 50 MHz (two-phase CLK) enable (CLKA, CLKB)
• Package
: LQFP48 (7 mm
× 7 mm, lead pitch 0.5 mm)
s PACKAGE
48-pin plastic LQFP
(FPT-48P-M05)


Similar Part No. - MB40C328VPFV

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB40C328 FUJITSU-MB40C328 Datasheet
163Kb / 16P
8-bit 100 MSPS A/D Converter
MB40C328PFV FUJITSU-MB40C328PFV Datasheet
163Kb / 16P
8-bit 100 MSPS A/D Converter
More results

Similar Description - MB40C328VPFV

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC08100 NSC-ADC08100 Datasheet
572Kb / 19P
8-Bit, 20 MSPS to 100 MSPS, 1.3 mW/MSPS A/D Converter
logo
Analog Devices
AD9283 AD-AD9283 Datasheet
155Kb / 12P
8-Bit, 50 MSPS/80 MSPS/100 MSPS 3 V A/D Converter
REV.B
AD9708 AD-AD9708 Datasheet
246Kb / 16P
8-Bit, 100 MSPS TxDAC D/A Converter
REV.B
logo
fujitsu semiconductor
MB40C328 FUJITSU-MB40C328 Datasheet
163Kb / 16P
8-bit 100 MSPS A/D Converter
MB40C348 FUJITSU-MB40C348 Datasheet
252Kb / 19P
3 ch 8-bit 100 MSPS A/D Converter
MB40C348V FUJITSU-MB40C348V Datasheet
250Kb / 19P
3ch 8-bit 100 MSPS A/D Converter
logo
Analog Devices
AD9708ARUZ AD-AD9708ARUZ Datasheet
249Kb / 16P
8-Bit, 100 MSPS TxDAC짰 D/A Converter
REV. B
AD9708ARZ AD-AD9708ARZ Datasheet
249Kb / 16P
8-Bit, 100 MSPS TxDAC D/A Converter
REV. B
AD9708ARRL AD-AD9708ARRL Datasheet
249Kb / 16P
8-Bit, 100 MSPS TxDAC D/A Converter
REV. B
AD9283S AD-AD9283S Datasheet
126Kb / 8P
8-Bit, 100 MSPS 3V A/D Converter
09/27/2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com