Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MB40C328VPFV Datasheet(PDF) 15 Page - fujitsu semiconductor

Part # MB40C328VPFV
Description  8-bit 100 MSPS A/D Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB40C328VPFV Datasheet(HTML) 15 Page - fujitsu semiconductor

Back Button MB40C328VPFV Datasheet HTML 8Page - fujitsu semiconductor MB40C328VPFV Datasheet HTML 9Page - fujitsu semiconductor MB40C328VPFV Datasheet HTML 10Page - fujitsu semiconductor MB40C328VPFV Datasheet HTML 11Page - fujitsu semiconductor MB40C328VPFV Datasheet HTML 12Page - fujitsu semiconductor MB40C328VPFV Datasheet HTML 13Page - fujitsu semiconductor MB40C328VPFV Datasheet HTML 14Page - fujitsu semiconductor MB40C328VPFV Datasheet HTML 15Page - fujitsu semiconductor MB40C328VPFV Datasheet HTML 16Page - fujitsu semiconductor  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
15
MB40C328V
s PACKAGE DIMENSION
C
1998 FUJITSU LIMITED F48013S-3C-6
0.08(.003)
0.50±0.08
(.020±.003)
9.00±0.20(.354±.008)SQ
.007 –.001
+.003
–0.03
+0.08
0.18
.059 –.004
+.008
–0.10
+0.20
1.50
7.00±0.10(.276±.004)SQ
"A"
Details of "A" part
0~8°
25
24
13
12
1
48
37
36
INDEX
(Mounting height)
0.145±0.055
(.006±.002)
0.50±0.20
(.020±.008)
0.45/0.75
(.018/.030)
0.25(.010)
(.004±.004)
0.10±0.10
M
0.08(.003)
(Stand off)
LEAD No.
Dimensions in mm (inches).
48-pin plastic LQFP
(FPT-48P-M05)
Note) Pins width and pins thickness include plating thickness



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com